công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F16-E/SSQTP bảng dữ liệu(PDF) 102 Page - Microchip Technology

tên linh kiện PIC16F16-E/SSQTP
Giải thích chi tiết về linh kiện  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/SSQTP bảng dữ liệu(HTML) 102 Page - Microchip Technology

Back Button PIC16F16-E/SSQTP Datasheet HTML 98Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 99Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 100Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 101Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 102Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 103Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 104Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 105Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 136 page
background image
PIC16F716
DS41206B-page 100
© 2007 Microchip Technology Inc.
FIGURE 12-5:
CLKOUT AND I/O TIMING
TABLE 12-3:
CLKOUT AND I/O TIMING REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units Conditions
10*
TOSH2CKLOSC1
↑ to CLKOUT↓
—75
200
ns
(Note 1)
11*
TOSH2CKHOSC1
↑ to CLKOUT↑
—75
200
ns
(Note 1)
12*
TCKR
CLKOUT rise time
—
35
100
ns
(Note 1)
13*
TCKF
CLKOUT fall time
—
35
100
ns
(Note 1)
14*
TCKL2IOVCLKOUT
↓ to Port out valid
—
—
20
ns
(Note 1)
15*
TIOV2CKH
Port input valid before CLKOUT
↑
TOSC +
200
——
ns
(Note 1)
16*
TCKH2IOI
Port input hold after CLKOUT
↑
0—
—
ns
(Note 1)
17*
TOSH2IOVOSC1
↑ (Q1 cycle) to Port out valid
—
50
150
ns
18*
TOSH2IOIOSC1
↑ (Q2 cycle) to Port
input invalid (I/O in hold
time)
Standard
100
—
—
ns
18A*
Extended (LC)
200
—
—
ns
19*
TIOV2OSH
Port input valid to OSC1
↑ (I/O in setup time)
0
—
—
ns
20*
TIOR
Port output rise time
Standard
—
10
40
ns
20A*
Extended (LC)
—
—
80
ns
21*
TIOF
Port output fall time
Standard
—
10
40
ns
21A*
Extended (LC)
—
—
80
ns
22††*
TINP
INT pin high or low time
Tcy
—
—
ns
23††*
TRBP
RB<7:4> change INT high or low time
Tcy
—
—
ns
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
†† These parameters are asynchronous events not related to any internal clock edge.
Note 1:
Measurements are taken in RC mode where CLKOUT output is 4 x TOSC.
Note 1: Refer to Figure 12-3 for load conditions.
OSC1
CLKOUT
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
old value
new value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com