công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C940VC/W bảng dữ liệu(PDF) 123 Page - Advanced Micro Devices

tên linh kiện AM79C940VC/W
Giải thích chi tiết về linh kiện  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VC/W bảng dữ liệu(HTML) 123 Page - Advanced Micro Devices

Back Button AM79C940VC/W Datasheet HTML 119Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 120Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 121Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 122Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 123Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 124Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 125Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 126Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 127Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 144 page
background image
APPENDIX B
Am79C940
123
BSDL DESCRIPTION OF
Am79C940 MACE JTAG
STRUCTURE
-- -------- 04 November 1996 -----------
-- JWB 13-AUG-1996 changed "TQFP_PACKAGE" to "TQFP"
-- 31-OCT-1996 corrected reversed bit subscripts for ADD, DBUS !
--
and bumped chip rev version from 2 to 3
-- A separate file for TQFP only, had to be created due to the missing
--
four pins/functions on the TQFP version.
-- The compiler does not know how to handle the missing four pins/functions
--
in the TQFP version while at the same time, available for the PQFP
--
and PLCC versions. We have no further plans for going back to
--
combining both files into a single BSDL file.
--
Network Products Division Product Marketing Group
-- -------------------------------------
-- BSDL File created/edited by AT&T BSD Editor
--
-- BSDE:Revision: Silicon Rev. C0; File REV A3
-- BSDE:Description: BSDL File for the AM79C940 MACE Rev C0 Product
-- BSDE:Comments: /* BSDL file for the TQFP Definition only.
--
* BSDL file checked by AT&T’s BCAD2 BSD Editor on 04/03/96
--
*/
entity AM79C940 is
generic (PHYSICAL_PIN_MAP : string := "TQFP" );
port (
ADD: in bit_vector (4 downto 0);
AVDD1: linkage bit;
AVDD2: linkage bit;
AVDD3: linkage bit;
AVDD4: linkage bit;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More