| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM79C940VC/W bảng dữ liệu(PDF) 103 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C940VC/W bảng dữ liệu(HTML) 103 Page - Advanced Micro Devices |
|
103 / 144 page ![]() 103 34 Word N Word N+1 Last Byte or Word 41 32 42 31 S3 S2 S1 S0 TH TL S0 S2 S1 S3 S1 S0 W1 W0 W1 W0 S2 S3 S0 W1 W0 SCLK (EDSEL = 1) R/W DTV EOF DBUS[15:0] ADD[4:0] BE0-1 TC = 0 33 48 49 37 34 43 38 S3 S2 S1 S0 TH TL S0 S2 S1 S3 S1 S0 W1 W0 W1 W0 S2 S3 S0 W1 W0 SCLK (EDSEL = 0) CS AC WAVEFORMS Host System Interface—3-Cycle Transmit FIFO/Register Write Timing 16235D-28 EOF RDTREQ 39 44 SCLK (EDSEL = 1) S0 S2 S1 S3 S2 S1 S0 S2 S1 S3 S0 S0 S3 S2 45 Note 1 40 SCLK (EDSEL = 0) S0 S2 S1 S3 S2 S1 S0 S2 S1 S3 S0 S0 S3 S2 Note: Once the host detects the EOF output active from the MACE device (S2/S3 edge), if no other receive packet exists in the RCVFIFO which meets the assert conditions for RDTREQ, the MACE device will deassert RDTREQ within 4 SCLK cycles (S0/S1 edge). This is consistent for both 2 or 3 cycle read operations. 16235D-29 Host System Interface–RDTREQ Read Timing |