| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STPMIC25 bảng dữ liệu(PDF) 107 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC25 bảng dữ liệu(HTML) 107 Page - STMicroelectronics |
|
107 / 145 page ![]() 6.6.5 Interrupt pending register 4 (INT_PENDING_R4) Table 74. INT_PENDING_R4 7 6 5 4 3 2 1 0 LDO8_OCP LDO7_OCP LDO6_OCP LDO5_OCP LDO4_OCP LDO3_OCP LDO2_OCP LDO1_OCP R R R R R R R R • Address: 0x73 • Default: 0x00 • Description: Interrupt mask register 1 to 4 (see Section 6.6.1). This register is reset to the default value as long as RSTn is asserted. For all bits: 0: interrupt not pending 1: interrupt pending [7] LDO8_OCP: Overcurrent detected on LDO8 [6] LDO7_OCP: Overcurrent detected on LDO7 [5] LDO6_OCP: Overcurrent detected on LDO6 [4] LDO5_OCP: Overcurrent detected on LDO5 [3] LDO4_OCP: Overcurrent detected on LDO4 [2] LDO3_OCP: Overcurrent detected on LDO3 [1] LDO2_OCP: Overcurrent detected on LDO2 [0] LDO1_OCP: Overcurrent detected on LDO1 6.6.6 Interrupt clear registers (INT_CLEAR_Rx) (x = 1 to 4) Table 75. INT_CLEAR_Rx 7 6 5 4 3 2 1 0 Same as INT_PENDING_Rx W/R0 W/R0 W/R0 W/R0 W/R0 W/R0 W/R0 W/R0 • Address: 0x74/0x75/0x76/0x77 • Default: 0x00 • Description: Interrupt clear registers 1 to 4 (see Section 6.6.1). Writing 1 clears the corresponding interrupt bit in INT_PENDING_Rx. The bit is self-cleared, and always reads 0. STPMIC25 Register descriptions DS14278 - Rev 3 page 107/145 |