| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8540VT667LC bảng dữ liệu(PDF) 102 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540VT667LC bảng dữ liệu(HTML) 102 Page - Freescale Semiconductor, Inc |
|
102 / 104 page ![]() MPC8540 Integrated Processor Hardware Specifications, Rev. 4 102 Freescale Semiconductor Device Nomenclature 19.2 Part Marking Parts are marked as the example shown in Figure 55. Figure 55. Part Marking for FC-PBGA Device MPC85nn xPXxxxn MMMMM ATWLYYWWA Notes: CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States. MMMMM is the 5-digit mask number. ATWLYYWWA is the traceability code. CCCCC FC-PBGA MPCnnnntppfffcr 85xx Notes: CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States. MMMMM is the 5-digit mask number. ATWLYYWWA is the traceability code. YWWLAZ ATWLYYWWA MMMMM CCCCC YWWLAZ is the assembly traceability code. |