công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TXV0108 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện TXV0108
Giải thích chi tiết về linh kiện  TXV0108 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TXV0108 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button TXV0108 Datasheet HTML 6Page - Texas Instruments TXV0108 Datasheet HTML 7Page - Texas Instruments TXV0108 Datasheet HTML 8Page - Texas Instruments TXV0108 Datasheet HTML 9Page - Texas Instruments TXV0108 Datasheet HTML 10Page - Texas Instruments TXV0108 Datasheet HTML 11Page - Texas Instruments TXV0108 Datasheet HTML 12Page - Texas Instruments TXV0108 Datasheet HTML 13Page - Texas Instruments TXV0108 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
5.9 Typical Characteristics
TA = 25°C (unless otherwise noted)
VIN - Input Voltage (V)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
0
0.5
1
1.5
2
2.5
3
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
Figure 5-1. Supply Current vs Input Voltage Supply (Rising)
VIN - Input Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
3
3.5
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
Figure 5-2. Supply Current vs Input Voltage Supply (Falling)
IOH (mA)
0
5
10
15
20
25
30
35
40
45
50
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
Figure 5-3. Output Voltage vs Current in HIGH State
IOL (mA)
0
5
10
15
20
25
30
35
40
45
50
0
0.2
0.4
0.6
0.8
1
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
Figure 5-4. Output Voltage vs Current in LOW State
Load Capacitance (pF)
5
10
15
20
25
30
35
40
45
50
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
Figure 5-5. Propagation Delay, TPLH vs Load Capacitance (VCCA
= 1.8 V)
Load Capacitance (pF)
5
10
15
20
25
30
35
40
45
50
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
Figure 5-6. Propagation Delay, TPLH vs Load Capacitance (VCCA
= 2.5 V)
TXV0108
SCES959 – DECEMBER 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TXV0108


Số phần tương tự - TXV0108

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TXV0108 TI1-TXV0108 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
1Mb / 25P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
JULY 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1_V01 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108QWRGYRQ1 TI1-TXV0108QWRGYRQ1 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
More results

Mô tả tương tự - TXV0108

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
Silicon Laboratories
SI5330A-A00200-GM SILABS-SI5330A-A00200-GM Datasheet
158Kb / 20P
1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
8-Bit Bidirectional Low-Voltage Translator
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Texas Instruments
TXV0106-Q1 TI1-TXV0106-Q1 Datasheet
1Mb / 24P
TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
AUGUST 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
1Mb / 25P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
JULY 2023
TXV0106-Q1 TI1-TXV0106-Q1_V01 Datasheet
1Mb / 31P
TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0106 TI1-TXV0106 Datasheet
1Mb / 30P
TXV0106 6-Bit Fix Direction Low Skew, Low-Jitter Voltage Translator or Buffer
DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1_V01 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com