công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TXV0108 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện TXV0108
Giải thích chi tiết về linh kiện  TXV0108 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TXV0108 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TXV0108 Datasheet HTML 1Page - Texas Instruments TXV0108 Datasheet HTML 2Page - Texas Instruments TXV0108 Datasheet HTML 3Page - Texas Instruments TXV0108 Datasheet HTML 4Page - Texas Instruments TXV0108 Datasheet HTML 5Page - Texas Instruments TXV0108 Datasheet HTML 6Page - Texas Instruments TXV0108 Datasheet HTML 7Page - Texas Instruments TXV0108 Datasheet HTML 8Page - Texas Instruments TXV0108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TXV0108 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
1 Features
• Supports up to 500-Mbps for 1.65 V to 3.6 V
• Meets RGMII 2.0 timing specifications:
– < 750 ps rise and fall time
– < ± 5 % duty cycle distortion
– < ± 400 ps channel to channel skew
– Up to 250Mbps/Channel
• Integrated 10 Ω damping output resistor to
minimize signal reflections
• High drive strength (up to 12 mA at 3.6 V)
• Fully configurable symmetric dual-rail design
• Optimal signal integrity performance with 390ps
peak-to-peak jitter for 1.8 V to 3.3 V
• Features VCC isolation and VCC disconnect
• Ioff supports partial-power-down mode operation
• Latch-up performance exceeds 100 mA per JESD
78, Class II
• ESD protection exceeds JESD 22:
– 2000-V Human-Body Model
– 1000-V Charged-Device Model
• Low power consumption:
– 10-µA maximum (25°C)
– 20-µA maximum (–40°C to 125°C)
• Operating temperature from –40°C to +125°C
• Pin compatible with SN74AVC8T245 (VQFN)
2 Applications
• Medium or short range radar
• ADAS domain controller
• HVAC controller design
• Machine vision camera
• Rack server motherboard
• IP telephone
3 Description
The TXV0108 is a 8-bit, dual-supply direction
controlled low-skew, low-jitter voltage translation
device. This device can be used for redriving, voltage
translation and power isolation when implementing
skew sensitive interface, such as RGMII between
Ethernet MAC and PHY devices. The Ax I/O pins and
control pins (DIR, OE) are referenced to VCCA logic
levels, and Bx I/O pins are referenced to VCCB logic
levels. This device has improved channel-to-channel
skew, duty cycle distortion and symmetric rise and fall
time for applications requiring strict timing conditions.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, thus preventing damaging current backflow
through the device when it is powered down.
The VCC isolation feature is designed so that if either
VCC supply is at or near 0 V both ports will switch to
a high-impedance state. This feature enables power
isolation for communications across multiple MACs
and PHYs, and is beneficial in situations where MACs
and PHYs are powered up asynchronously preventing
current backflow between devices.
A High on DIR allows data transmission from A to
B while a Low on DIR allows data transmission from
B to A when OE is set to Low. When OE is set to
High, both Ax and Bx pins will be forced into a high-
impedance state. See Device Functional Modes for a
summary of the operation of the control logic.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TXV0108
RGY (VQFN, 24)
5.5 mm × 3.5 mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
TXV0108
VCCA
VCCB
1.8 V
SoC/
FPGA
Ethernet
PHY
TXV0108
8
8
8
8
VCCA
VCCB
3.3 V
TXV0108 in RGMII Applications
TXV0108
SCES959 – DECEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - TXV0108

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TXV0108 TI1-TXV0108 Datasheet
2Mb / 31P
[Old version datasheet]   TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
JULY 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
2Mb / 31P
[Old version datasheet]   TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108QWRGYRQ1 TI1-TXV0108QWRGYRQ1 Datasheet
2Mb / 31P
[Old version datasheet]   TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
More results

Mô tả tương tự - TXV0108

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
JULY 2023
TXV0108-Q1 TI1-TXV0108-Q1_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0106 TI1-TXV0106 Datasheet
1Mb / 30P
[Old version datasheet]   TXV0106 6-Bit Fix Direction Low Skew, Low-Jitter Voltage Translator or Buffer
DECEMBER 2023
TXV0106-Q1 TI1-TXV0106-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
AUGUST 2023
TXV0106-Q1 TI1-TXV0106-Q1_V01 Datasheet
1Mb / 31P
[Old version datasheet]   TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Silicon Laboratories
SI5330A-A00200-GM SILABS-SI5330A-A00200-GM Datasheet
158Kb / 20P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com