công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TXV0108 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện TXV0108
Giải thích chi tiết về linh kiện  TXV0108 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TXV0108 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TXV0108 Datasheet HTML 5Page - Texas Instruments TXV0108 Datasheet HTML 6Page - Texas Instruments TXV0108 Datasheet HTML 7Page - Texas Instruments TXV0108 Datasheet HTML 8Page - Texas Instruments TXV0108 Datasheet HTML 9Page - Texas Instruments TXV0108 Datasheet HTML 10Page - Texas Instruments TXV0108 Datasheet HTML 11Page - Texas Instruments TXV0108 Datasheet HTML 12Page - Texas Instruments TXV0108 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
5.8 Switching Characteristics, VCCA = 3.3 ± 0.3 V
Minimum and maximum limits apply over the recommended temperature range at CL = 15 pF and 250Mbps, unless
otherwise indicated.
PARAMETER
FROM
TO
B-Port Supply Voltage (VCCB)
UNIT
1.8 ± 0.15 V
2.5 ± 0.2 V
3.3 ± 0.3 V
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
tpd
Propagation delay
A
B
1.2
3.8
1.2
2.7
1.1
2.3
ns
B
A
1.2
3.0
1.1
2.5
1.1
2.3
tdis
Disable time
OE
A
2.0
5.5
2.0
5.5
2.0
5.5
ns
B
2.2
6.0
1.8
4.5
2.0
5.5
ten
Enable time
OE
A
1.0
3.0
1.0
3.0
1.0
3.0
ns
B
1.2
4.5
0.95
3.0
0.85
2.7
tSKO
Output channel-to-
channel skew (1)
A
B
-380
380
-230
230
-170
170
ps
B
A
-330
330
-190
190
-165
165
TR
Rise time (2)
A
B
0.50
1.3
0.40
1.0
0.35
0.90
ns
B
A
0.35
0.80
0.35
0.80
0.35
0.80
TF
Fall time (2)
A
B
0.45
1.3
0.35
1.0
0.35
0.80
ns
B
A
0.35
0.80
0.35
0.80
0.35
0.80
Duty
Cycle
Duty cycle variation
A
B
46
50
54
48
50
53
48
50
52
%
B
A
47
50
54
47
50
53
47
50
52
TR_5pF Rise time (2) (3)
A
B
0.30
0.80
0.20
0.55
0.15
0.45
ns
B
A
0.15
0.45
0.15
0.45
0.15
0.45
TF_5pF Fall time (2) (3)
A
B
0.25
0.80
0.20
0.60
0.20
0.45
ns
B
A
0.15
0.40
0.15
0.45
0.20
0.45
tSKO_5
pF
Output channel-to-
channel skew (1) (3)
A
B
-265
265
-145
145
-140
140
ps
B
A
-310
310
-170
170
-120
120
Duty
Cycle
_5pF
Duty cycle variation (3)
A
B
48
50
53
49
50
52
49
50
52
%
B
A
48
50
54
48
50
52
48
50
52
tjit(pp)
Peark-to-peak jitter
(250 Mbps 215- 1
PRBS input)
A or B
A or B
115
390
75
330
75
330
ps
(1)
Skew parameter also includes jitter
(2)
Rise and fall time is measured at 20% - 80%
(3)
Parameters tested under RGMII input transition (≤ 2 ns/V) rise and fall time. CLOAD = 5 pF
www.ti.com
TXV0108
SCES959 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TXV0108


Số phần tương tự - TXV0108

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TXV0108 TI1-TXV0108 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
1Mb / 25P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
JULY 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1_V01 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108QWRGYRQ1 TI1-TXV0108QWRGYRQ1 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
More results

Mô tả tương tự - TXV0108

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
Silicon Laboratories
SI5330A-A00200-GM SILABS-SI5330A-A00200-GM Datasheet
158Kb / 20P
1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
8-Bit Bidirectional Low-Voltage Translator
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Texas Instruments
TXV0106-Q1 TI1-TXV0106-Q1 Datasheet
1Mb / 24P
TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
AUGUST 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
1Mb / 25P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
JULY 2023
TXV0106-Q1 TI1-TXV0106-Q1_V01 Datasheet
1Mb / 31P
TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0106 TI1-TXV0106 Datasheet
1Mb / 30P
TXV0106 6-Bit Fix Direction Low Skew, Low-Jitter Voltage Translator or Buffer
DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1_V01 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com