công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TXV0108 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện TXV0108
Giải thích chi tiết về linh kiện  TXV0108 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TXV0108 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button TXV0108 Datasheet HTML 2Page - Texas Instruments TXV0108 Datasheet HTML 3Page - Texas Instruments TXV0108 Datasheet HTML 4Page - Texas Instruments TXV0108 Datasheet HTML 5Page - Texas Instruments TXV0108 Datasheet HTML 6Page - Texas Instruments TXV0108 Datasheet HTML 7Page - Texas Instruments TXV0108 Datasheet HTML 8Page - Texas Instruments TXV0108 Datasheet HTML 9Page - Texas Instruments TXV0108 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)(1) (2)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
Operating free-air
temperature (TA)
UNIT
–40°C to 125°C
MIN
TYP
MAX
VIL
Data
Input_Negative
threshold
Data inputs, OE, DIR
1.65 V - 3.6 V
1.65 V - 3.6 V
0.3×
VCCA
V
VIH
Data Input_Positive
threshold
Data inputs, OE, DIR
1.65 V - 3.6 V
1.65 V - 3.6 V
0.7×
VCCA
V
VOH
High-level output
voltage (3)
IOH = –8 mA
1.65 V
1.65 V
1.1
V
IOH = –9 mA
2.3 V
2.3 V
1.8
V
IOH = –12 mA
3 V
3 V
2.4
V
VOL
Low-level output
voltage (4)
IOL = 8 mA
1.65 V
1.65 V
0.27
V
IOL = 9 mA
2.3 V
2.3 V
0.23
V
IOL = 12 mA
3 V
3 V
0.26
V
II
Input leakage
current
Data Inputs
(Ax, Bx)
VI = VCCI or GND
1.65 V - 3.6 V
1.65 V - 3.6 V
–1
1
µA
Ioff
Partial power down
current
A Port or B Port
VI or VO = 0 V - 3.6 V
0 V
0 V - 3.6 V
–5
3.6
µA
A Port or B Port
VI or VO = 0 V - 3.6 V
0 V - 3.6 V
0 V
–5
3.6
IOZ
Tri-state output
current (5)
A or B Port:
VI = VCCI or GND
VO = VCCO or GND
OE = VIH
3.6 V
3.6 V
–5
5
µA
ICCA
VCCA supply current
VI = VCCI or GND
IO = 0
1.65 V - 3.6 V
1.65 V - 3.6 V
14
µA
3.6 V
0 V
11
ICCA
VCCA supply current
VI = VCCI or GND
IO = 0
0 V
3.6 V
-1
µA
ICCB
VCCB supply current
VI = VCCI or GND
IO = 0
1.65 V - 3.6 V
1.65 V - 3.6 V
14
µA
3.6 V
0 V
–1
ICCB
VCCB supply current
VI = VCCI or GND
IO = 0
0 V
3.6 V
11
µA
ICCA +
ICCB
Combined supply
current
VI = VCCI or GND
IO = 0
1.65 V - 3.6 V
1.65 V - 3.6 V
22
µA
Ci
Control Input
Capacitance
VI = 3.3 V or GND
3.3 V
3.3 V
3.9
pF
Cio
Data I/O
Capacitance
OE = VCCA, VO = 1.65V
DC +1 MHz -16 dBm
sine wave
3.3 V
3.3 V
2.7
pF
(1)
VCCI is the VCC associated with the input port.
(2)
VCCO is the VCC associated with the output port.
(3)
Tested at VI = VIH.
(4)
Tested at VI = VIL.
(5)
For I/O ports, the parameter IOZ includes the input leakage current.
TXV0108
SCES959 – DECEMBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TXV0108


Số phần tương tự - TXV0108

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TXV0108 TI1-TXV0108 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
1Mb / 25P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
JULY 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1_V01 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108QWRGYRQ1 TI1-TXV0108QWRGYRQ1 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
More results

Mô tả tương tự - TXV0108

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
Silicon Laboratories
SI5330A-A00200-GM SILABS-SI5330A-A00200-GM Datasheet
158Kb / 20P
1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
8-Bit Bidirectional Low-Voltage Translator
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Texas Instruments
TXV0106-Q1 TI1-TXV0106-Q1 Datasheet
1Mb / 24P
TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
AUGUST 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
1Mb / 25P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
JULY 2023
TXV0106-Q1 TI1-TXV0106-Q1_V01 Datasheet
1Mb / 31P
TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0106 TI1-TXV0106 Datasheet
1Mb / 30P
TXV0106 6-Bit Fix Direction Low Skew, Low-Jitter Voltage Translator or Buffer
DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1_V01 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com