công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TXV0108 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện TXV0108
Giải thích chi tiết về linh kiện  TXV0108 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TXV0108 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TXV0108 Datasheet HTML 1Page - Texas Instruments TXV0108 Datasheet HTML 2Page - Texas Instruments TXV0108 Datasheet HTML 3Page - Texas Instruments TXV0108 Datasheet HTML 4Page - Texas Instruments TXV0108 Datasheet HTML 5Page - Texas Instruments TXV0108 Datasheet HTML 6Page - Texas Instruments TXV0108 Datasheet HTML 7Page - Texas Instruments TXV0108 Datasheet HTML 8Page - Texas Instruments TXV0108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX UNIT
VCCA
Supply voltage A
–0.5
4.6
V
VCCB
Supply voltage B
–0.5
4.6
V
VI
Input Voltage(2)
I/O Ports (A Port)
–0.5
4.6
V
I/O Ports (B Port)
–0.5
4.6
Control Inputs
–0.5
4.6
VO
Voltage applied to any output in the high-impedance or power-off
state(2)
A Port
–0.5
4.6
V
B Port
–0.5
4.6
VO
Voltage applied to any output in the high or low state(2) (3)
A Port
–0.5 VCCA + 0.5
V
B Port
–0.5 VCCB + 0.5
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
–50
50
mA
Continuous current through VCC or GND
–100
100
mA
Tj
Junction Temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Rating may cause permanent device damage. Absolute Maximum Rating do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
used outside the Recommended Operating Conditions but within the Absolute Maximum Rating, the device may not be fully functional,
and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
The input voltage and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The output positive-voltage rating may be exceeded up to 4.6 V maximum if the output current rating is observed.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101 (2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
TXV0108
SCES959 – DECEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TXV0108


Số phần tương tự - TXV0108

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TXV0108 TI1-TXV0108 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
1Mb / 25P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
JULY 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1_V01 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108QWRGYRQ1 TI1-TXV0108QWRGYRQ1 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
More results

Mô tả tương tự - TXV0108

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
Silicon Laboratories
SI5330A-A00200-GM SILABS-SI5330A-A00200-GM Datasheet
158Kb / 20P
1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
8-Bit Bidirectional Low-Voltage Translator
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Texas Instruments
TXV0106-Q1 TI1-TXV0106-Q1 Datasheet
1Mb / 24P
TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
AUGUST 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
1Mb / 25P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
JULY 2023
TXV0106-Q1 TI1-TXV0106-Q1_V01 Datasheet
1Mb / 31P
TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0106 TI1-TXV0106 Datasheet
1Mb / 30P
TXV0106 6-Bit Fix Direction Low Skew, Low-Jitter Voltage Translator or Buffer
DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1_V01 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com