công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TXV0108 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện TXV0108
Giải thích chi tiết về linh kiện  TXV0108 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TXV0108 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  TXV0108 Datasheet HTML 1Page - Texas Instruments TXV0108 Datasheet HTML 2Page - Texas Instruments TXV0108 Datasheet HTML 3Page - Texas Instruments TXV0108 Datasheet HTML 4Page - Texas Instruments TXV0108 Datasheet HTML 5Page - Texas Instruments TXV0108 Datasheet HTML 6Page - Texas Instruments TXV0108 Datasheet HTML 7Page - Texas Instruments TXV0108 Datasheet HTML 8Page - Texas Instruments TXV0108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
4 Pin Configuration and Functions
23
22
21
20
19
18
17
16
15
14
2
3
4
5
6
7
8
9
10
11
PAD
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
V
CCB
B1
B2
B3
B4
B5
B6
B7
B8
OE
Figure 4-1. RGY Package, 24-Pin VQFN (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
VCCA
1
A-port supply voltage.
DIR
2
I
Direction-control signal for all ports. Referenced to VCCA.
A1
3
I/O
Input/Output A1. Referenced to VCCA.
A2
4
I/O
Input/Output A2. Referenced to VCCA.
A3
5
I/O
Input/Output A3. Referenced to VCCA.
A4
6
I/O
Input/Output A4. Referenced to VCCA.
A5
7
I/O
Input/Output A5. Referenced to VCCA.
A6
8
I/O
Input/Output A6. Referenced to VCCA.
A7
9
I/O
Input/Output A7. Referenced to VCCA.
A8
10
I/O
Input/Output A8. Referenced to VCCA.
GND
11, 12, 13
Ground.
B8
14
I/O
Input/Output B8. Referenced to VCCB.
B7
15
I/O
Input/Output B7. Referenced to VCCB.
B6
16
I/O
Input/Output B6. Referenced to VCCB.
B5
17
I/O
Input/Output B5. Referenced to VCCB.
B4
18
I/O
Input/Output B4. Referenced to VCCB.
B3
19
I/O
Input/Output B3. Referenced to VCCB.
B2
20
I/O
Input/Output B2. Referenced to VCCB.
B1
21
I/O
Input/Output B1. Referenced to VCCB.
OE
22
I
Output Enable. Pull to GND to enable all outputs. Pull to VCCA to place all outputs in high-impedance
mode. Referenced to VCCA.
VCCB
23, 24
B-port supply voltage.
Thermal Pad
Thermal pad. Can be grounded (recommended) or left floating.
(1)
I = input, O = output
www.ti.com
TXV0108
SCES959 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TXV0108


Số phần tương tự - TXV0108

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TXV0108 TI1-TXV0108 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
1Mb / 25P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
JULY 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1_V01 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108QWRGYRQ1 TI1-TXV0108QWRGYRQ1 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
More results

Mô tả tương tự - TXV0108

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
Silicon Laboratories
SI5330A-A00200-GM SILABS-SI5330A-A00200-GM Datasheet
158Kb / 20P
1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
8-Bit Bidirectional Low-Voltage Translator
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Texas Instruments
TXV0106-Q1 TI1-TXV0106-Q1 Datasheet
1Mb / 24P
TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
AUGUST 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
1Mb / 25P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
JULY 2023
TXV0106-Q1 TI1-TXV0106-Q1_V01 Datasheet
1Mb / 31P
TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0106 TI1-TXV0106 Datasheet
1Mb / 30P
TXV0106 6-Bit Fix Direction Low Skew, Low-Jitter Voltage Translator or Buffer
DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1_V01 Datasheet
2Mb / 31P
TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com