| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM263P2 bảng dữ liệu(PDF) 124 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 bảng dữ liệu(HTML) 124 Page - Texas Instruments |
|
124 / 154 page ![]() 6.11.5.13 Programmable Real-Time Unit and Industrial Communication Subsystem (PRU-ICSS) The device has integrated a single Programmable Real-Time Unit and Industrial Communication Subsystem (PRU-ICSS0). The programmable nature of the PRU cores, along with their access to pins, events and all device resources, provides flexibility in implementing fast real-time responses, specialized data handling operations, custom peripheral interfaces, and in offloading tasks from the other processor cores in the device. For more details about features and additional description information on the device PRU-ICSS, see the corresponding subsections within Signal Descriptions and Detailed Description sections. Note The PRU-ICSS0 supports an internal wrapper multiplexing that expands the device top-level multiplexing. TI Information - Selective Disclosure AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 www.ti.com 124 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated |