| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T89C51CC02UA-RATIM bảng dữ liệu(PDF) 136 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51CC02UA-RATIM bảng dữ liệu(HTML) 136 Page - ATMEL Corporation |
|
136 / 156 page ![]() 136 AT/T89C51CC02 4126J–CAN–05/06 Table 110. IPL0 Register IPL0 (S:B8h) Interrupt Enable Register Reset Value = X000 0000b bit addressable 76 54 32 1 0 - PPC PT2 PS PT1 PX1 PT0 PX0 Bit Number Bit Mnemonic Description 7- Reserved The value read from this bit is indeterminate. Do not set this bit. 6 PPC PCA Interrupt Priority bit Refer to PPCH for priority level 5PT2 Timer 2 Overflow Interrupt Priority bit Refer to PT2H for priority level. 4PS Serial Port Priority bit Refer to PSH for priority level. 3PT1 Timer 1 Overflow Interrupt Priority bit Refer to PT1H for priority level. 2PX1 External Interrupt 1 Priority bit Refer to PX1H for priority level. 1PT0 Timer 0 Overflow Interrupt Priority bit Refer to PT0H for priority level. 0PX0 External Interrupt 0 Priority bit Refer to PX0H for priority level. |