| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T89C51CC02CA-RATIM bảng dữ liệu(PDF) 110 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51CC02CA-RATIM bảng dữ liệu(HTML) 110 Page - ATMEL Corporation |
|
110 / 156 page ![]() 110 AT/T89C51CC02 4126J–CAN–05/06 Table 84. CANIDM2 Register for V2.0 Part B CANIDM2 for V2.0 Part B (S:C5h) CAN Identifier Mask Registers 2 Note: 1. The ID Mask is only used for reception. No default value after reset. Table 85. CANIDM3 Register for V2.0 Part B CANIDM3 for V2.0 Part B (S:C6h) CAN Identifier Mask Registers 3 Note: The ID Mask is only used for reception. No default value after reset. 76 54 32 1 0 IDMSK 20 IDMSK 19 IDMSK 18 IDMSK 17 IDMSK 16 IDMSK 15 IDMSK 14 IDMSK 13 Bit Number Bit Mnemonic Description 7 - 0 IDMSK20:13 IDentifier Mask Value (1) 0 - comparison true forced. 1 - bit comparison enabled. See Figure 43. 76 54 32 1 0 IDMSK 12 IDMSK 11 IDMSK 10 IDMSK 9 IDMSK 8 IDMSK 7 IDMSK 6 IDMSK 5 Bit Number Bit Mnemonic Description 7 - 0 IDMSK12:5 IDentifier Mask Value 0 - comparison true forced. 1 - bit comparison enabled. See Figure 43. |