| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT89C5131A-RDTUL bảng dữ liệu(PDF) 175 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C5131A-RDTUL bảng dữ liệu(HTML) 175 Page - ATMEL Corporation |
|
175 / 185 page ![]() 175 AT89C5131A-L 4338E–USB–06/06 Waveforms Figure 83. SPI Slave Waveforms (CPHA= 0) Note: 1. Not Defined but generally the MSB of the character which has just been received. Figure 84. SPI Slave Waveforms (CPHA= 1) Note: 1. Not Defined but generally the LSB of the character which has just been received. T SLCL TSLCH TCHCL TCLCH MOSI (input) SCK (CPOL= 0) (input) SS (input) SCK (CPOL= 1) (input) MISO (output) TCHCH TCLCX TCHCX TIVCL TCLIX TCHIX T IVCH TCHOV T CLOV TCHOX TCLOX MSB IN BIT 6 LSB IN SLAVE MSB OUT SLAVE LSB OUT BIT 6 TSLOV (1) TSHOX TSHSL T CHSH T CLSH T CHCL TCLCH MOSI (input) SCK (CPOL= 0) (input) SS (input) SCK (CPOL= 1) (input) MISO (output) TCHCH TCLCX TCHCX TIVCL T CLIX TCHIX T IVCH TCLOV TCHOV TCLOX TCHOX MSB IN BIT 6 LSB IN SLAVE MSB OUT SLAVE LSB OUT BIT 6 TSLOV (1) TSHOX TSHSL TCHSH TCLSH T SLCL T SLCH |