công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TXV0106-Q1 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện TXV0106-Q1
Giải thích chi tiết về linh kiện  TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TXV0106-Q1 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button TXV0106-Q1 Datasheet HTML 6Page - Texas Instruments TXV0106-Q1 Datasheet HTML 7Page - Texas Instruments TXV0106-Q1 Datasheet HTML 8Page - Texas Instruments TXV0106-Q1 Datasheet HTML 9Page - Texas Instruments TXV0106-Q1 Datasheet HTML 10Page - Texas Instruments TXV0106-Q1 Datasheet HTML 11Page - Texas Instruments TXV0106-Q1 Datasheet HTML 12Page - Texas Instruments TXV0106-Q1 Datasheet HTML 13Page - Texas Instruments TXV0106-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
7 Parameter Measurement Information
7.1 Load Circuit and Voltage Waveforms
Unless otherwise noted, all input pulses are supplied by generators having the following characteristics:
• f = 1 MHz
• ZO = 50 Ω
• Δt/ΔV ≤ 1 ns/V
Output Pin
Under Test
CL
(1)
RL
RL
S1
GND
Open
2 x VCCO
Measurement Point
A.
CL includes probe and jig capacitance.
Figure 7-1. Load Circuit
Table 7-1. Load Circuit Conditions
Parameter
VCCO
RL
CL
S1
VTP
tpd
Propagation (delay) time
1.65 V – 3.6 V
2 kΩ
15 pF
Open
N/A
ten,
tdis
Enable time, disable time
1.65 V – 3.6 V
2 kΩ
15 pF
2 × VCCO
0.15 V
ten,
tdis
Enable time, disable time
1.65 V – 3.6 V
2 kΩ
15 pF
GND
0.15 V
Input A, B
VCCI
(1)
VCCI / 2
0 V
Output B, A
VOH
(2)
VOL
(2)
tpd
tpd
VCCI / 2
VCCI / 2
VCCI / 2
1.
VCCI is the supply pin associated with the input port.
2.
VOH and VOL are typical output voltage levels that occur
with specified RL, CL, and S1
Figure 7-2. Propagation Delay
VCCI
(1)
0 V
100 kHz
500 ps/V ± 1 s/V
VOH
(2)
VOL
(2)
Ensure Monotonic
Rising and Falling Edge
Output B, A
Input A, B
1.
VCCI is the supply pin associated with the input port.
2.
VOH and VOL are typical output voltage levels that occur
with specified RL, CL, and S1
Figure 7-3. Input Transition Rise and Fall Rate
TXV0106-Q1
SCES956 – AUGUST 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TXV0106-Q1


Số phần tương tự - TXV0106-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TXV0106-Q1 TI1-TXV0106-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TXV0106 6-Bit Fix Direction Low Skew, Low-Jitter Voltage Translator or Buffer
DECEMBER 2023
TXV0106-Q1 TI1-TXV0106-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0106-Q1 TI1-TXV0106-Q1_V01 Datasheet
1Mb / 31P
[Old version datasheet]   TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
More results

Mô tả tương tự - TXV0106-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TXV0106-Q1 TI1-TXV0106-Q1_V01 Datasheet
1Mb / 31P
[Old version datasheet]   TXV0106-Q1 Automotive 6-Bit Fix Direction Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0106 TI1-TXV0106 Datasheet
1Mb / 30P
[Old version datasheet]   TXV0106 6-Bit Fix Direction Low Skew, Low-Jitter Voltage Translator or Buffer
DECEMBER 2023
TXV0108-Q1 TI1-TXV0108-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
JULY 2023
TXV0108-Q1 TI1-TXV0108-Q1_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TXV0108-Q1 Automotive 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
REVISED DECEMBER 2023
TXV0108 TI1-TXV0108 Datasheet
2Mb / 30P
[Old version datasheet]   TXV0108 8-Bit Direction Controlled Low-Skew, Low-Jitter Voltage Translator or Buffer
DECEMBER 2023
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Silicon Laboratories
SI5330A-A00200-GM SILABS-SI5330A-A00200-GM Datasheet
158Kb / 20P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Fairchild Semiconductor
FXL2SD106 FAIRCHILD-FXL2SD106_11 Datasheet
294Kb / 11P
   Low-Voltage Dual-Supply 6-Bit Voltage Translator with Auto-Direction Sensing
logo
Microsemi Corporation
ZL40260 MICROSEMI-ZL40260 Datasheet
882Kb / 21P
   Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com