| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
12F683 bảng dữ liệu(PDF) 144 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
12F683 bảng dữ liệu(HTML) 144 Page - Microchip Technology |
|
144 / 148 page ![]() PIC12F683 DS41211B-page 142 Preliminary 2004 Microchip Technology Inc. Timer2 ................................................................................. 45 Associated Registers .................................................. 46 Interrupt....................................................................... 46 Operation .................................................................... 45 Postscaler ................................................................... 45 PR2 Register............................................................... 45 Prescaler ..................................................................... 45 TMR2 Register ............................................................ 45 TMR2 to PR2 Match Interrupt ..................................... 45 Timing Diagrams A/D Conversion (Normal Mode) ................................ 128 A/D Conversion (Sleep Mode) .................................. 129 Brown-out Detect (BOD) ........................................... 122 Brown-out Detect Situations ....................................... 80 Capture/Compare/PWM (CCP)................................. 125 CLKOUT and I/O....................................................... 121 External Clock ........................................................... 119 Fail-Safe Clock Monitor (FSCM) ................................. 27 INT Pin Interrupt.......................................................... 87 PWM Output ............................................................... 72 Reset, Watchdog Timer, Oscillator Start-up Timer and Power-up Timer ................................................ 122 Single Comparator ...................................................... 48 Time-out Sequence on Power-up (Delayed MCLR)... 82 Time-out Sequence on Power-up (MCLR with VDD)... 82 Timer0 and Timer1 External Clock ........................... 124 Timer1 Incrementing Edge.......................................... 42 Two Speed Start-up .................................................... 26 Wake-up from Sleep Through Interrupt ...................... 92 Timing Parameter Symbology........................................... 118 Two-Speed Clock Start-up Mode ........................................ 25 U Ultra Low-Power Wake-up .................................................. 33 V Voltage Reference. See Comparator Voltage Reference (CVREF). VREF. See A/D Reference Voltage. W Watchdog Timer (WDT)...................................................... 89 Associated Registers .................................................. 90 Control ........................................................................ 89 Oscillator..................................................................... 89 WWW, On-Line Support ....................................................... 3 |