| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5535 bảng dữ liệu(PDF) 545 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5535 bảng dữ liệu(HTML) 545 Page - National Semiconductor (TI) |
|
545 / 555 page ![]() Revision 0.8 545 www.national.com Electrical Specifications (Continued) 6.3.10 Power Management and Processor Control Signals The Power Management Controller (PMC) signals detailed in this sub-section use various types of buffers depending upon chip configuration. For a detailed explanation of buffer types, see Table 2-4 "Buffer Type Characteristics" on page 28. In this subsection, unless otherwise noted: • All timing specifications are specified under the oper- ating conditions listed in Table 6-3 on page 526 (i.e., VCORE and VCORE_VSB = All; VIO and VIO_VSB = All; TCASE = All). • No clock reference. Table 6-18. Power Management and Processor Control Timing Parameters Signal Parameter Min Max Units Comment/Condition WORKING Async Output or Level NA NA ns From PMC. RESET_OUT# Sync Output to PCI_CLK NA NA ns See RESET_OUT# in Table 6-9 on page 534. THRM_ALRM# (GPIO10) Async Input NA NA ns Note 1. To PMC. SLP_CLK_EN (GPIO11) Async Output or Level NA NA ns Note 2. From PMC. WORK_AUX (GPIO24) Async Output or Level NA NA ns Note 2. From PMC. LOW_BAT# (GPIO25) Async Input NA NA ns Note 1. To PMC. PWR_BUT# (GPIO28) Async Input NA NA ns Note 1. To PMC. INTR_OUT (GPIO12) Async Output or Level NA NA ns Note 2. From PIC subsystem. SMI_OUT# (GPIO13) Async Output or Level NA NA ns Note 2. From GLIU. SUSP#, SUSPA# Sync to PCI_CLK NA NA ns See Table 6-9 on page 534 for SUSP#, SUSPA# data. IRQ13 Async Input NA NA ns To PIC subsystem. SLEEP_X (GPIO7) Async Output or Level NA NA ns Note 3. From PMC. SLEEP_Y (GPIO12) Async Output or Level NA NA ns Note 3. From PMC. SLEEP_BUT (GPIO13) Async Input NA NA ns Note 1. To PMC. Note 1. GPIO configured: AUX_IN and Input Enable = 1; Output Enable, AUX_OUT_1, and AUX_OUT_2 = 0. Note 2. GPIO configured: AUX_IN and Input Enable = 0; Output Enable and AUX_OUT_1 = 1; Open-drain and AUX_OUT_2 = 0. Note 3. GPIO configured: AUX_IN and Input Enable = 0; Output Enable and AUX_OUT_2 = 1; Open-drain and AUX_OUT_1 = 0. |