| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5535 bảng dữ liệu(PDF) 459 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5535 bảng dữ liệu(HTML) 459 Page - National Semiconductor (TI) |
|
459 / 555 page ![]() Revision 0.8 459 www.national.com GPIO Subsystem Register Descriptions (Continued) 4:0 FE_SEL Filter/Event Pair Select. Selects one of 32 GPIO inputs, Filter Enables, Event Enables, and Event Counter Decrements for Filter Event Pair [x]. 00000: GPIO0 is connected to Filter Event Pair [x]. 00001: GPIO1 is connected to Filter Event Pair [x]. 00010: GPIO2 is connected to Filter Event Pair [x]. 00011: GPIO3 is connected to Filter Event Pair [x]. 00100: GPIO5 is connected to Filter Event Pair [x]. 00101: GPIO6 is connected to Filter Event Pair [x]. 00110: GPIO7 is connected to Filter Event Pair [x]. 00111: GPIO8 is connected to Filter Event Pair [x]. 01000: GPIO9 is connected to Filter Event Pair [x]. 01001: GPIO10 is connected to Filter Event Pair [x]. 01010: GPIO11 is connected to Filter Event Pair [x]. 01011: GPIO12 is connected to Filter Event Pair [x]. 01100: GPIO13 is connected to Filter Event Pair [x]. 01101: GPIO14 is connected to Filter Event Pair [x]. 01110: GPIO15 is connected to Filter Event Pair [x]. 01111: GPIO16 is connected to Filter Event Pair [x]. 10000: GPIO17 is connected to Filter Event Pair [x]. 10001: GPIO18 is connected to Filter Event Pair [x]. 10010: GPIO19 is connected to Filter Event Pair [x]. 01001: GPIO20 is connected to Filter Event Pair [x]. 01010: GPIO21 is connected to Filter Event Pair [x]. 01011: GPIO22 is connected to Filter Event Pair [x]. 01100: Reserved. 01101: GPIO24 is connected to Filter Event Pair [x]. 01110: GPIO25 is connected to Filter Event Pair [x]. 01111: GPIO26 is connected to Filter Event Pair [x]. 10000: GPIO27 is connected to Filter Event Pair [x]. 10001: GPIO28 is connected to Filter Event Pair [x]. 10010: Reserved. 01001: Reserved. 01010: Reserved. GPIO_FE[x]_SEL Bit Descriptions (Continued) Bit Name Description |