| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5535 bảng dữ liệu(PDF) 437 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5535 bảng dữ liệu(HTML) 437 Page - National Semiconductor (TI) |
|
437 / 555 page ![]() Revision 0.8 437 www.national.com GPIO Subsystem Register Descriptions (Continued) Table 5-62. High Bank Atomic Register Map Format 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 98 7654321 0 Table 5-63. High Bank Atomic Bit Descriptions Format Bit Name Description 31,15 RSVD Reserved. Write as 00. 30,14 RSVD Reserved. Write as 00. 29,13 RSVD Reserved. Write as 00. 28,12 GPIO28 GPIO28 Feature. 00: No change. 01: Feature bit = 1. 10: Feature bit = 0. 11: No change. 27,11 GPIO27 GPIO27 Feature. See bits [28,12] for decode. 26,10 GPIO26 GPIO26 Feature. See bits [28,12] for decode. 25,9 GPIO25 GPIO25 Feature. See bits [28,12] for decode. 24,8 GPIO24 GPIO24 Feature. See bits [28,12] for decode. 23,7 RSVD Reserved. Write as 00. 22,6 GPIO22 GPIO22 Feature. See bits [28,12] for decode. 21,5 GPIO21 GPIO21 Feature. See bits [28,12] for decode. 20,4 GPIO20 GPIO20 Feature. See bits [28,12] for decode. 19,3 GPIO19 GPIO19 Feature. See bits [28,12] for decode. 18,2 GPIO18 GPIO18 Feature. See bits [28,12] for decode. 17,1 GPIO17 GPIO17 Feature. See bits [28,12] for decode. 16,0 GPIO16 GPIO16 Feature. See bits [28,12] for decode. |