| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4LS15K bảng dữ liệu(PDF) 107 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
4LS15K bảng dữ liệu(HTML) 107 Page - ams AG |
|
107 / 115 page ![]() Document Feedback 4LS Package Drawings & Markings Datasheet • PUBLIC DS000542 • v3-01 • 2022-Nov-17 114 │ 106 11.3 4LS5K Mechanical Drawing Figure 152: 4LS5K Invar Package Outline Drawing – General Overview (1)(2)(3)(4) (1) All dimensions are in millimeters. Angles in degrees. (2) If not otherwise noted all tolerances are ±0.1 mm. (3) This package contains no lead (Pb). (4) This drawing is subject to change without notice. RoHS Green |