| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L152VB-A bảng dữ liệu(PDF) 106 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152VB-A bảng dữ liệu(HTML) 106 Page - STMicroelectronics |
|
106 / 130 page ![]() Package information STM32L151x6/8/B-A STM32L152x6/8/B-A 106/130 DocID024330 Rev 5 7 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 7.1 LQFP100 14 x 14 mm, 100-pin low-profile quad flat package information Figure 30. LQFP100 14 x 14 mm, 100-pin low-profile quad flat package outline 1. Drawing is not to scale. |