| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMPR4955F bảng dữ liệu(PDF) 112 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955F bảng dữ liệu(HTML) 112 Page - Toshiba Semiconductor |
|
112 / 168 page ![]() Chapter 6 TX4955A System Interface 6-40 tDS tDO tDH tDO tDH tDS tDO Valid output Valid Input Valid Input Note: These waveforms only describe edge-to-edge timing relationships. EValid*, EReq*, EOK*, Int*, NMI* PValid* PMaster* SysAD SysADC SysCmd SysCmdP SClock Figure 6.3.3 System Interface Edge Timing Relationships The Timing Summary section below describes the minimum and maximum timing values of each signal. The sections that follow describe the timing requirements for various bus cycles. 6.3.5 Timing Summary In the following timing diagrams, gray-scale signals indicate values that are either Unknown or Don’t Cares, within the specification limits. They may be any value as long they do not violate any bus value or timing specification. The timing diagrams illustrate cycles using the following signals: • PMaster PMaster PMaster PMaster* • EValid EValid EValid EValid* • PValid PValid PValid PValid* • EOK EOK EOK EOK* • EReq EReq EReq EReq* PMaster PMaster PMaster PMaster* (O) Indicates the processor is the master of the system interface bus. ExtAgent Cmd ExtAgent Data Proc Cmd Proc Data SysCmd SysAD SCycle C B A PMaster* SClock Figure 6.3.4 Sample Cycle with PMaster* Asserted, Then Deasserted A Processor drives SysAD and SysCmd buses (processor is master). BPMaster PMaster PMaster PMaster is deasserted. SysAD and SysCmd buses are set to a tri-state(no bus master). C External agent drives SysAD and SysCmd buses (external agent is master). |