công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS1893CKLF bảng dữ liệu(PDF) 125 Page - Renesas Technology Corp

tên linh kiện ICS1893CKLF
Giải thích chi tiết về linh kiện  3.3-V 10Base-T/100Base-TX Integrated PHYceiver™
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893CKLF bảng dữ liệu(HTML) 125 Page - Renesas Technology Corp

Back Button ICS1893CKLF Datasheet HTML 119Page - Renesas Technology Corp ICS1893CKLF Datasheet HTML 120Page - Renesas Technology Corp ICS1893CKLF Datasheet HTML 121Page - Renesas Technology Corp ICS1893CKLF Datasheet HTML 122Page - Renesas Technology Corp ICS1893CKLF Datasheet HTML 123Page - Renesas Technology Corp ICS1893CKLF Datasheet HTML 124Page - Renesas Technology Corp ICS1893CKLF Datasheet HTML 125Page - Renesas Technology Corp ICS1893CKLF Datasheet HTML 126Page - Renesas Technology Corp ICS1893CKLF Datasheet HTML 127Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 125 / 127 page
background image
Chapter 11 Ordering Information
ICS1893CF, Rev. K, 05/13/10
May, 2010
125
ICS1893CF Data Sheet Rev. J - Release
Copyright © 2009, Integrated Device Technology, Inc.
All rights reserved.
Chapter 11 Ordering Information
Figure 11-1. shows ordering information for the ICS1893CF.
11.1 Marking Diagram
Notes:
1. Line 3: ###### = Lot number.
2. Line 4: YYWW = Date code.
3. Line 5: Origin.
Part / Order Number
Marking
Package
Temperature
ICS1893CFLF
1893CFLF
48-Lead SSOP Lead/Pb-Free
0
° C to 70° C
ICS1893CFLFT
1893CFLF
48-Lead SSOP Lead/Pb-Free, Tape and Reel
0
° C to 70° C
ICS1893CFILF
1893CFILF
48-Lead SSOP Lead/Pb-Free
-40
° C to 85° C
ICS1893CFILFT
1893CFILF
48-Lead SSOP Lead/Pb-Free, Tape and Reel
-40
° C to 85° C
ICS1893CKLF
1893CKLF
56-Lead MLF2 Lead/Pb-Free
0
° C to 70° C
ICS1893CKLFT
1893CKLF
56-Lead MLF2 Lead/Pb-Free, Tape and Reel
0
° C to 70° C
ICS1893CKILF
1893CKILF
56-Lead MLF2 Lead/Pb-Free
-40
° C to 85° C
ICS1893CKILFT
1893CKILF
56-Lead MLF2 Lead/Pb-Free, Tape and Reel
-40
° C to 85° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More