| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1893CFILF bảng dữ liệu(PDF) 114 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893CFILF bảng dữ liệu(HTML) 114 Page - Renesas Technology Corp |
|
114 / 127 page ![]() ICS1893CF, Rev. K, 05/13/10 May, 2010 114 Chapter 9 DC and AC Operating Conditions ICS1893CF Data Sheet - Release Copyright © 2009, Integrated Device Technology, Inc. All rights reserved. 9.5.12 10M MII: Carrier Assertion/De-Assertion (Half-Duplex Transmission) Table 9-19 lists the significant time periods for the 10M MII carrier assertion/de-assertion during half-duplex transmission. The time periods consist of timings of signals on the following pins: • TXEN • TXCLK • CRS Figure 9-13 shows the timing diagram for the time periods. Figure 9-13. 10M MII Carrier Assertion/De-Assertion Timing Diagram (Half-Duplex Transmission Only) Table 9-19. 10M MII Carrier Assertion/De-Assertion (Half-Duplex Transmission Only) Time Period Parameter Condi- tions Min. Typ. Max. Units t1 TXEN Asserted to CRS Assert 0 – 2 Bit times t2 TXEN De-Asserted to CRS De-Asserted 0 2 4 Bit times t2 t1 TXEN TXCLK CRS |