| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1893AFILF bảng dữ liệu(PDF) 117 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893AFILF bảng dữ liệu(HTML) 117 Page - Renesas Technology Corp |
|
117 / 137 page ![]() Chapter 10 DC and AC Operating Conditions ICS1893AF, Rev. D 10/26/04 October, 2004 117 ICS1893AF Data Sheet - Release Copyright © 2004, Integrated Circuit Systems, Inc. All rights reserved. 10.5.4 100M MII: Synchronous Transmit Timing Table 10-11 lists the significant time periods for the 100M MII Interface synchronous transmit timing. The time periods consist of timings of signals on the following pins: • TXCLK • TXD[3:0] • TXEN • TXER Figure 10-5 shows the timing diagram for the time periods. Figure 10-5. 100M MII / 100M Stream Interface Synchronous Transmit Timing Diagram Table 10-11. 100M MII / 100M Stream Interface: Synchronous Transmit Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 TXD[3:0], TXEN, TXER Setup to TXCLK Rise – 15 – – ns t2 TXD[3:0], TXEN, TXER Hold after TXCLK Rise – 0 – – ns t1 t2 TXCLK TXD[3:0] TXEN TXER |