| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1893AFILFT bảng dữ liệu(PDF) 133 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893AFILFT bảng dữ liệu(HTML) 133 Page - Renesas Technology Corp |
|
133 / 137 page ![]() Chapter 10 DC and AC Operating Conditions ICS1893AF, Rev. D 10/26/04 October, 2004 133 ICS1893AF Data Sheet - Release Copyright © 2004, Integrated Circuit Systems, Inc. All rights reserved. 10.5.20 Auto-Negotiation Fast Link Pulse Timing Table 10-27 lists the significant time periods for the ICS1893AF Auto-Negotiation Fast Link Pulse. The time periods consist of timings of signals on the following pins: • TP_TXP • TP_TXN Figure 10-21 shows the timing diagram for one pair of these differential signals, for example TP_TXP minus TP_TXN. Figure 10-21. Auto-Negotiation Fast Link Pulse Timing Diagram Table 10-27. Auto-Negotiation Fast Link Pulse Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 Clock/Data Pulse Width – – 90 – ns t2 Clock Pulse-to-Data Pulse Timing – 55 60 70 µs t3 Clock Pulse-to-Clock Pulse Timing – 110 125 140 µs t4 Fast Link Pulse Burst Width – – 5 – ms t5 Fast Link Pulse Burst to Fast Link Pulse Burst – 10 15 25 ms t6 Number of Clock/Data Pulses in a Burst – 15 20 30 pulses Clock Pulse Clock Pulse Data Pulse t1 t3 t2 t4 t5 t1 FLP Burst FLP Burst Differential Twisted Pair Transmit Signal Differential Twisted Pair Transmit Signal |