| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1893AF bảng dữ liệu(PDF) 126 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893AF bảng dữ liệu(HTML) 126 Page - Renesas Technology Corp |
|
126 / 137 page ![]() ICS1893AF, Rev D 10/26/04 October, 2004 126 Chapter 10 DC and AC Operating Conditions ICS1893AF Data Sheet - Release Copyright © 2004, Integrated Circuit Systems, Inc. All rights reserved. 10.5.13 100M MII Media Independent Interface: Receive Latency Table 10-20 lists the significant time periods for the 100M MII / 100M Stream Interface receive latency. The time periods consist of timings of signals on the following pins: • TP_RX (that is, TP_RXP and TP_RXN) • RXCLK • RXD (that is, RXD[3:0]) Figure 10-14 shows the timing diagram for the time periods. Figure 10-14. 100M MII / 100M Stream Interface: Receive Latency Timing Diagram Table 10-20. 100M MII / 100M Stream Interface Receive Latency Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 First Bit of /J/ into TP_RX to /J/ on RXD 100M MII – 16 17 Bit times RXCLK TP_RX† † Shown unscrambled. RXD t1 |