| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1893AF bảng dữ liệu(PDF) 119 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893AF bảng dữ liệu(HTML) 119 Page - Renesas Technology Corp |
|
119 / 137 page ![]() Chapter 10 DC and AC Operating Conditions ICS1893AF, Rev. D 10/26/04 October, 2004 119 ICS1893AF Data Sheet - Release Copyright © 2004, Integrated Circuit Systems, Inc. All rights reserved. 10.5.6 100M/MII Media Independent Interface: Synchronous Receive Timing Table 10-13 lists the significant time periods for the MII / 100M Stream Interface synchronous receive timing. The time periods consist of timings of signals on the following pins: • RXCLK • RXD[3:0] • RXDV • RXER Figure 10-7 shows the timing diagram for the time periods. Figure 10-7. MII Interface Synchronous Receive Timing Diagram Table 10-13. MII Interface: Synchronous Receive Timing Time Period Parameter Min. Typ. Max. Units t1 RXD[3:0], RXDV, and RXER Setup to RXCLK Rise 10.0 – – ns t2 RXD[3:0], RXDV, and RXER Hold after RXCLK Rise 10.0 – – ns t1 t2 RXCLK RXD[3:0] RXDV RXER |