| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1893 bảng dữ liệu(PDF) 138 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893 bảng dữ liệu(HTML) 138 Page - Renesas Technology Corp |
|
138 / 153 page ![]() ICS1893 Rev C 6/6/00 June, 2000 138 Chapter 10 DC and AC Operating Conditions ICS1893 Data Sheet - Release Copyright © 2000, Integrated Circuit Systems, Inc. All rights reserved. 10.5.12 MII / 100M Stream Interface: Transmit Latency Table 10-19 lists the significant time periods for the MII / 100 Stream Interface transmit latency. The time periods consist of timings of signals on the following pins: • TXEN • TXCLK • TXD (that is, TXD[3:0]) • TP_TX (that is, TP_TXP and TP_TXN) Figure 10-13 shows the timing diagram for the time periods. † The IEEE maximum is 18 bit times. Figure 10-13. MII / 100M Stream Interface Transmit Latency Timing Diagram Table 10-19. MII / 100M Stream Interface Transmit Latency Time Period Parameter Conditions Min. Typ. Max. Units t1 TXEN Sampled to MDI Output of First Bit of /J/ † MII mode – 2.8 3 Bit times t2 TXD Sampled to MDI Output of First Bit of /J/ † 100M Stream Interface – 6.1 7 Bit times TXEN TXCLK TXD TP_TX† † Shown unscrambled. t1 t2 Preamble /K/ Preamble /J/ |