công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7260K2U1/XXX bảng dữ liệu(PDF) 109 Page - STMicroelectronics

tên linh kiện ST7260K2U1/XXX
Giải thích chi tiết về linh kiện  LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7260K2U1/XXX bảng dữ liệu(HTML) 109 Page - STMicroelectronics

Back Button ST7260K2U1/XXX Datasheet HTML 105Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 106Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 107Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 108Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 109Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 110Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 111Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 112Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 117 page
background image
ST7260
109/117
15.3 DEVELOPMENT TOOLS
STMicroelectronics offers a range of hardware
and software development tools for the ST7 micro-
controller family. Full details of tools available for
the ST7 from third party manufacturers can be ob-
tain from the STMicroelectronics Internet site:
➟ http//www.st.com.
Tools from these manufacturers include C compli-
ers, emulators and gang programmers.
STMicroelectronics Tools
Three types of development tool are offered by ST
see Table 26 and Table 27 for more details.
Table 26. STMicroelectronics Tools Features
Note:
1. In-Circuit Programming (ICP) interface for FLASH devices.
Table 27. Dedicated STMicroelectronics Development Tools
Note:
1. Add Suffix /EU or /US for the power supply for your region.
In-Circuit Emulation
Programming Capability1)
Software Included
ST7 Emulator
Yes, powerful emulation
features including trace/
logic analyzer
No
ST7 CD ROM with:
– ST7 Assembly toolchain
– STVD7 powerful Source Level
Debugger for Win 3.1, Win 9x
and NT
– C compiler demo versions
– Windows Programming Tools
for Win 3.1, Win 9x and NT
ST7 Programming Board No
Yes (All packages)
Supported Products
Evaluation Board
ST7 Emulator
ST7 Programming Board
ST7260
ST7MDTULS-EVAL
ST7MDTU3-EMU3
ST7MDTU3-EPB 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More