| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC705CT4GRS/D bảng dữ liệu(PDF) 107 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D bảng dữ liệu(HTML) 107 Page - NXP Semiconductors |
|
107 / 152 page ![]() MC68HC705CT4 — Rev. 2.0 General Release Specification MOTOROLA EPROM 107 General Release Specification — MC68HC705CT4 Section 15. EPROM 15.1 Contents 15.2 Introduction .............................................................................107 15.3 EPROM...................................................................................107 15.4 Bootloader Mode ....................................................................108 15.4.1 Bootloader Functions ........................................................108 15.4.2 Programming Register ......................................................112 15.4.3 Mask Option Register........................................................114 15.2 Introduction This section describes erasable programmable read-only memory (EPROM) programming. 15.3 EPROM The user EPROM consists of 5120 bytes of EPROM from $0B00 to $1EFF and 16 bytes of user vectors from $1FF0 to $1FFF. The bootloader ROM and vectors are located from $1F01 to $1FEF. Twelve of the user vectors, $1FF4 thorough $1FFF, are dedicated to reset and interrupt vectors. The four remaining locations, $1FF0, $1FF1, $1FF2 and $1FF3, are general-purpose user EPROM locations. Location $1F00 is the mask option register (MOR). The contents of the EPROM cannot be prevented from being viewed externally, since security is not incorporated into the MC68HC705CT4. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |