công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC705CT4GRS/D bảng dữ liệu(PDF) 144 Page - NXP Semiconductors

tên linh kiện HC705CT4GRS/D
Giải thích chi tiết về linh kiện  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D bảng dữ liệu(HTML) 144 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 140Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 141Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 142Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 143Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 144Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 145Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 146Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 147Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 148Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 152 page
background image
Mechanical Specifications
General Release Specification
MC68HC705CT4 — Rev. 2.0
144
Mechanical Specifications
MOTOROLA
18.3 44-Lead Plastic-Leaded Chip Carrier (Case 777-02)
-N-
-L-
-M-
D
Y
D
K
V
W
1
44
BRK
B
Z
U
X
VIEW D-D
S
L-M
M
0.007(0.180)
N S
T
S
L-M
M
0.007(0.180)
N S
T
G1
S
L-M
S
0.010 (0.25)
N S
T
K1
F
H
S
L-M
M
0.007(0.180)
N S
T
Z
G
G1
R
A
E
J
VIEW S
C
S
L-M
M
0.007(0.180)
N S
T
S
L-M
M
0.007(0.180)
N S
T
0.004 (0.10)
-T-
SEATING
PLANE
VIEW S
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.685
0.695
17.40
17.65
B
0.685
0.695
17.40
17.65
C
0.165
0.180
4.20
4.57
E
0.090
0.110
2.29
2.79
F
0.013
0.019
0.33
0.48
G
0.050 BSC
1.27 BSC
H
0.026
0.032
0.66
0.81
J
0.020
0.51
K
0.025
0.64
R
0.650
0.656
16.51
16.66
U
0.650
0.656
16.51
16.66
V
0.042
0.048
1.07
1.21
W
0.042
0.048
1.07
1.21
X
0.042
0.056
1.07
1.42
Y
0.020
0.50
Z
2
°
10
°
G1
0.610
0.630
15.50
16.00
K1
0.040
1.02
S
L-M
S
0.010 (0.25)
N S
T
S
L-M
M
0.007(0.180)
N S
T
2
°
10
°
NOTES:
1. DATUMS -L-, -M-, AND -N- ARE DETERMINED
WHERE TOP OF LEAD SHOLDERS EXITS
PLASTIC BODY AT MOLD PARTING LINE.
2. DIMENSION G1, TRUE POSITION TO BE
MEASURED AT DATUM -T-, SEATING PLANE.
3. DIMENSION R AND U DO NOT INCLUDE MOLD
FLASH. ALLOWABLE MOLD FLASH IS 0.010
(0.25) PER SIDE.
4. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
5. CONTROLLING DIMENSION: INCH.
6. THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM BY UP TO 0.012
(0.300). DIMENSIONS R AND U ARE DETERMINED
AT THE OUTERMOST EXTREMES OF THE
PLASTIC BODY EXCLUSIVE OF THE MOLD
FLASH, TIE BAR BURRS, GATE BURRS AND
INTERLEAD FLASH, BUT INCLUDING ANY
MISMATCH BETWEEN THE TOP AND BOTTOM
OF THE PLASTIC BODY.
7. DIMINSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTUSION(S) SHALL NOT CAUSE THE H
DIMINSION TO BE GREATER THAN 0.037
(0.940146). THE DAMBAR INTRUSION(S) SHALL
NOT CAUSE THE H DIMINISION TO SMALLER
THAN 0.025 (0.635).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More