| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC705C9AGRS/D bảng dữ liệu(PDF) 144 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D bảng dữ liệu(HTML) 144 Page - NXP Semiconductors |
|
144 / 157 page ![]() General Release Specification Serial Peripheral Interface Timing MC68HC705C9A — Rev. 2.0 Electrical Specifications Figure 12-10. SPI Slave Timing Diagram NOTE: SLAVE SS (INPUT) SCK (CPOL = 0) (INPUT) SCK (CPOL = 1) (INPUT) MISO (INPUT) MOSI (OUTPUT) 4 5 5 1 13 12 4 13 MSB IN BIT 6–1 8 6 10 11 11 12 NOTE SLAVE LSB OUT 9 3 LSB IN 2 7 BIT 6–1 MSB OUT NOTE: SLAVE SS (INPUT) SCK (CPOL = 0) (INPUT) SCK (CPOL = 1) (INPUT) MISO (OUTPUT) MOSI (INPUT) 4 5 5 1 13 12 4 13 MSB IN BIT 6–1 8 6 10 11 12 NOTE SLAVE LSB OUT 9 3 LSB IN 2 7 BIT 6–1 MSB OUT 10 a) SPI Slave Timing (CPHA = 0) a) SPI Slave Timing (CPHA = 1) Not defined but normally MSB of character just received. Not defined but normally LSB of character previously transmitted. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |