| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFE252012F-R47M bảng dữ liệu(PDF) 111 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DFE252012F-R47M bảng dữ liệu(HTML) 111 Page - Analog Devices |
|
111 / 122 page ![]() BITFIELD BITS TYPE DESCRIPTION DECODE CH2_EN 1 O ADC Channel2 Data Readback Control 0x0 = Disable. 0x1 = Enable. CH1_EN 0 O ADC Channel1 Data Readback Control 0x0 = Disable. 0x1 = Enable. ADC_CFG2 (0x93) BIT 7 6 5 4 3 2 1 0 Field RESERVED[2:0] – – CH11_EN CH10_EN CH9_EN Reset 0x0 – – 0x0 0x0 0x0 Access Type Write, Read – – Write, Read Write, Read Write, Read BITFIELD BITS TYPE DESCRIPTION DECODE RESERVED 7:5 O Reserved. Returns 0. CH11_EN 2 O ADC Channel11 Data Readback Control 0x0 = Disable. 0x1 = Enable. CH10_EN 1 O ADC Channel10 Data Readback Control 0x0 = Disable. 0x1 = Enable. CH9_EN 0 O ADC Channel9 Data Readback Control 0x0 = Disable. 0x1 = Enable. ADC_CFG3 (0x94) BIT 7 6 5 4 3 2 1 0 Field CH8_AVG CH7_AVG CH6_AVG CH5_AVG CH4_AVG CH3_AVG CH2_AVG CH1_AVG Reset 0x0 0x0 0x0 0x0 0x0 0x0 0x0 0x0 Access Type Write, Read Write, Read Write, Read Write, Read Write, Read Write, Read Write, Read Write, Read BITFIELD BITS TYPE DESCRIPTION DECODE CH8_AVG 7 O ADC Channel8 Data Averaging Control 0x0 = Disable. 0x1 = Enable. CH7_AVG 6 O ADC Channel7 Data Averaging Control 0x0 = Disable. 0x1 = Enable. CH6_AVG 5 O ADC Channel6 Data Averaging Control 0x0 = Disable. 0x1 = Enable. CH5_AVG 4 O ADC Channel5 Data Averaging Control 0x0 = Disable. 0x1 = Enable. CH4_AVG 3 O ADC Channel4 Data Averaging Control 0x0 = Disable. 0x1 = Enable. CH3_AVG 2 O ADC Channel3 Data Averaging Control 0x0 = Disable. 0x1 = Enable. CH2_AVG 1 O ADC Channel2 Data Averaging Control 0x0 = Disable. 0x1 = Enable. CH1_AVG 0 O ADC Channel1 Data Averaging Control 0x0 = Disable. 0x1 = Enable. MAX77542 16VIN/16A, Quad-Phase High-Efficiency Buck Converter www.analog.com Analog Devices | 111 |