| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFE252012F-R47M bảng dữ liệu(PDF) 106 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DFE252012F-R47M bảng dữ liệu(HTML) 106 Page - Analog Devices |
|
106 / 122 page ![]() BITFIELD BITS TYPE DESCRIPTION DECODE ADC_CH9_I 0 O ADC Channel9 Interrupt 0x0 = ADC Channel9 data has not updated. 0x1 = ADC Channel9 data has updated. ADC_MSK1 (0x82) BIT 7 6 5 4 3 2 1 0 Field ADC_CH8_ M ADC_CH7_ M ADC_CH6_ M ADC_CH5_ M ADC_CH4_ M ADC_CH3_ M ADC_CH2_ M ADC_CH1_ M Reset 0x1 0x1 0x1 0x1 0x1 0x1 0x1 0x1 Access Type Write, Read Write, Read Write, Read Write, Read Write, Read Write, Read Write, Read Write, Read BITFIELD BITS TYPE DESCRIPTION DECODE ADC_CH8_ M 7 O ADC Channel8 Interrupt Mask 0x0 = Enable ADC_CH8_I. 0x1 = Mask ADC_CH8_I. ADC_CH7_ M 6 O ADC Channel7 Interrupt Mask 0x0 = Enable ADC_CH7_I. 0x1 = Mask ADC_CH7_I. ADC_CH6_ M 5 O ADC Channel6 Interrupt Mask 0x0 = Enable ADC_CH6_I. 0x1 = Mask ADC_CH6_I. ADC_CH5_ M 4 O ADC Channel5 Interrupt Mask 0x0 = Enable ADC_CH5_I. 0x1 = Mask ADC_CH5_I. ADC_CH4_ M 3 O ADC Channel4 Interrupt Mask 0x0 = Enable ADC_CH4_I. 0x1 = Mask ADC_CH4_I. ADC_CH3_ M 2 O ADC Channel3 Interrupt Mask 0x0 = Enable ADC_CH3_I. 0x1 = Mask ADC_CH3_I. ADC_CH2_ M 1 O ADC Channel2 Interrupt Mask 0x0 = Enable ADC_CH2_I. 0x1 = Mask ADC_CH2_I. ADC_CH1_ M 0 O ADC Channel1 Interrupt Mask 0x0 = Enable ADC_CH1_I. 0x1 = Mask ADC_CH1_I. ADC_MSK2 (0x83) BIT 7 6 5 4 3 2 1 0 Field RESERVED[2:0] – – ADC_CH11 _M ADC_CH10 _M ADC_CH9_ M Reset 0x7 – – 0x1 0x1 0x1 Access Type Write, Read – – Write, Read Write, Read Write, Read BITFIELD BITS TYPE DESCRIPTION DECODE RESERVED 7:5 O Reserved. Returns 1. ADC_CH11 _M 2 O ADC Channel11 Interrupt Mask 0x0 = Enable ADC_CH11_I. 0x1 = Mask ADC_CH11_I. ADC_CH10 _M 1 O ADC Channel10 Interrupt Mask 0x0 = Enable ADC_CH10_I. 0x1 = Mask ADC_CH10_I. ADC_CH9_ M 0 O ADC Channel9 Interrupt Mask 0x0 = Enable ADC_CH9_I. 0x1 = Mask ADC_CH9_I. MAX77542 16VIN/16A, Quad-Phase High-Efficiency Buck Converter www.analog.com Analog Devices | 106 |