| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AF6366TDX bảng dữ liệu(PDF) 114 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6366TDX bảng dữ liệu(HTML) 114 Page - STMicroelectronics |
|
114 / 116 page ![]() STM8 development tools STM8AF6388 114/116 DocID031156 Rev 1 13.3 Programming tools During the development cycle, STice provides in-circuit programming of the STM8A Flash microcontroller on the application board via the SWIM protocol. Additional tools are to include a low-cost in-circuit programmer as well as ST socket boards, which provide dedicated programming platforms with sockets for programming the STM8A. For production environments, programmers will include a complete range of gang and automated programming solutions from third-party tool developers already supplying programmers for the STM8 family. |