công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U535CB bảng dữ liệu(PDF) 234 Page - STMicroelectronics

tên linh kiện STM32U535CB
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535CB bảng dữ liệu(HTML) 234 Page - STMicroelectronics

Back Button STM32U535CB Datasheet HTML 230Page - STMicroelectronics STM32U535CB Datasheet HTML 231Page - STMicroelectronics STM32U535CB Datasheet HTML 232Page - STMicroelectronics STM32U535CB Datasheet HTML 233Page - STMicroelectronics STM32U535CB Datasheet HTML 234Page - STMicroelectronics STM32U535CB Datasheet HTML 235Page - STMicroelectronics STM32U535CB Datasheet HTML 236Page - STMicroelectronics STM32U535CB Datasheet HTML 237Page - STMicroelectronics STM32U535CB Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 278 page
background image
Electrical characteristics
STM32U535xx
234/278
DS14217 Rev 1
PGA gain(3)
Non-inverting gain value
PGA_GAIN[1:0] = 00
-
2
-
-
PGA_GAIN[1:0] = 01
-
4
-
PGA_GAIN[1:0] = 10
-
8
-
PGA_GAIN[1:0] = 11
-
16
-
Rnetwork
R2/R1 internal resistance
values in non-inverting
PGA mode(5)
PGA gain = 2
-
80/80
-
kΩ/
kΩ
PGA gain = 4
-
120/40
-
PGA gain = 8
-
140/20
-
PGA gain = 16
-
150/10
-
Delta R
Resistance variation
(R1 or R2)
--18
-
18
%
PGA gain error
PGA gain error
-
-1
-
1
PGA BW
PGA bandwidth for
different non inverting gain
PGA gain = 2
-
GBW/2
-
MHz
PGA gain = 4
-
GBW/4
-
PGA gain = 8
-
GBW/8
-
PGA gain = 16
-
GBW/16
-
en
Voltage noise density
Normal
mode
At 1 kHz,
output loaded with
3.9 kΩ
-220
-
nV
/√Hz
Low-power
mode
At 1 kHz,
output loaded with
20 kΩ
-350
-
Normal
mode
At 10 kHz, output
loaded with 3.9 kΩ
-190
-
Low-power
mode
at 10 kHz, output
loaded with 20 kΩ
-210
-
IDDA(OPAMP)
OPAMP consumption from
VDDA
Normal
mode
no load, quiescent
mode,
standard speed
-
130
190
µA
Low-power
mode
-40
58
Normal
mode
no load, quiescent
mode,
high-speed mode
-
138
205
Low-power
mode
-42
60
1. Specified by design and not tested in production, unless otherwise specified.
2. OPA_RANGE must be set to 1 in OPAMP1_CSR.
3. Evaluated by characterization. Not tested in production.
4. Mostly I/O leakage when used in analog mode. Refer to Ilkg parameter in Table 91: I/O static characteristics.
5. R2 is the internal resistance between the OPAMP output and the OPAMP inverting input. R1 is the internal resistance
between the OPAMP inverting input and ground. PGA gain = 1 + R2/R1.
Table 115. OPAMP characteristics(1)(2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com