công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F100GD bảng dữ liệu(PDF) 115 Page - Renesas Technology Corp

tên linh kiện R5F100GD
Giải thích chi tiết về linh kiện  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100GD bảng dữ liệu(HTML) 115 Page - Renesas Technology Corp

Back Button R5F100GD Datasheet HTML 111Page - Renesas Technology Corp R5F100GD Datasheet HTML 112Page - Renesas Technology Corp R5F100GD Datasheet HTML 113Page - Renesas Technology Corp R5F100GD Datasheet HTML 114Page - Renesas Technology Corp R5F100GD Datasheet HTML 115Page - Renesas Technology Corp R5F100GD Datasheet HTML 116Page - Renesas Technology Corp R5F100GD Datasheet HTML 117Page - Renesas Technology Corp R5F100GD Datasheet HTML 118Page - Renesas Technology Corp R5F100GD Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
115 of 200
Jun 30, 2020
2.6.4 LVD circuit characteristics
LVD Detection Voltage of Reset Mode and Interrupt Mode
(TA = –40 to +85°C, VPDR
≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Detection
voltage
Supply voltage level
VLVD0
The power supply voltage is rising.
3.98
4.06
4.14
V
The power supply voltage is falling.
3.90
3.98
4.06
V
VLVD1
The power supply voltage is rising.
3.68
3.75
3.82
V
The power supply voltage is falling.
3.60
3.67
3.74
V
VLVD2
The power supply voltage is rising.
3.07
3.13
3.19
V
The power supply voltage is falling.
3.00
3.06
3.12
V
VLVD3
The power supply voltage is rising.
2.96
3.02
3.08
V
The power supply voltage is falling.
2.90
2.96
3.02
V
VLVD4
The power supply voltage is rising.
2.86
2.92
2.97
V
The power supply voltage is falling.
2.80
2.86
2.91
V
VLVD5
The power supply voltage is rising.
2.76
2.81
2.87
V
The power supply voltage is falling.
2.70
2.75
2.81
V
VLVD6
The power supply voltage is rising.
2.66
2.71
2.76
V
The power supply voltage is falling.
2.60
2.65
2.70
V
VLVD7
The power supply voltage is rising.
2.56
2.61
2.66
V
The power supply voltage is falling.
2.50
2.55
2.60
V
VLVD8
The power supply voltage is rising.
2.45
2.50
2.55
V
The power supply voltage is falling.
2.40
2.45
2.50
V
VLVD9
The power supply voltage is rising.
2.05
2.09
2.13
V
The power supply voltage is falling.
2.00
2.04
2.08
V
VLVD10
The power supply voltage is rising.
1.94
1.98
2.02
V
The power supply voltage is falling.
1.90
1.94
1.98
V
VLVD11
The power supply voltage is rising.
1.84
1.88
1.91
V
The power supply voltage is falling.
1.80
1.84
1.87
V
VLVD12
The power supply voltage is rising.
1.74
1.77
1.81
V
The power supply voltage is falling.
1.70
1.73
1.77
V
VLVD13
The power supply voltage is rising.
1.64
1.67
1.70
V
The power supply voltage is falling.
1.60
1.63
1.66
V
Minimum pulse width
tLW
300
µs
Detection delay time
300
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com