công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EFP01 bảng dữ liệu(PDF) 154 Page - Silicon Laboratories

tên linh kiện EFP01
Giải thích chi tiết về linh kiện  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 bảng dữ liệu(HTML) 154 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 150Page - Silicon Laboratories EFP01 Datasheet HTML 151Page - Silicon Laboratories EFP01 Datasheet HTML 152Page - Silicon Laboratories EFP01 Datasheet HTML 153Page - Silicon Laboratories EFP01 Datasheet HTML 154Page - Silicon Laboratories EFP01 Datasheet HTML 155Page - Silicon Laboratories EFP01 Datasheet HTML 156Page - Silicon Laboratories EFP01 Datasheet HTML 157Page - Silicon Laboratories EFP01 Datasheet HTML 158Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 154 / 158 page
background image
9.3 QFN20 Package Marking
Figure 9.3. QFN20 Package Marking
The package marking consists of the following:
• PPPP – The part number designation.
1. Family Code (1 character)
2. Feature Set Code (2 characters)
3. Temperature Grade (G = -40 to 85 °C)
• TTTT – A trace or manufacturing code.
• YY – The last 2 digits of the assembly year.
• WW – The 2-digit workweek when the device was assembled.
EFP01 Energy Friendly PMIC Family Data Sheet
QFN20 Package Specifications
silabs.com | Building a more connected world.
Rev. 1.3 | 154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More