công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F15213T-I/ST bảng dữ liệu(PDF) 116 Page - Microchip Technology

tên linh kiện PIC16F15213T-I/ST
Giải thích chi tiết về linh kiện  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST bảng dữ liệu(HTML) 116 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 112Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 113Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 114Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 115Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 116Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 117Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 118Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 119Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 439 page
background image
Note: 
1.
See the NVM Unlock Sequence section.
Example 15-4. Writing to Program Flash Memory
INTCONbits.GIE = 0;
// Disable interrupts
// PFM row must be erased before writes can occur
NVMCON1bits.NVMREGS = 0;
// Point to PFM
NVMADR = PFMStartAddress;
// Must start at beginning of PFM row
NVMCON1bits.FREE = 1;
// Specify an erase operation
NVMCON1bits.WREN = 1;
// Allow erase cycle
// Required unlock sequence
NVMCON2 = 0x55;
NVMCON2 = 0xAA;
NVMCON1bits.WR = 1;
NVMCON1bits.LWLO = 1;
// Load write latches
// Write to the data latches
for (i = 0; i < PFM_ROW_SIZE; i++)
{
NVMADR = PFMStartAddress;
// Load starting address
NVMDAT = PFM_WRITE_DATA;
// Load data
// Required unlock sequence
NVMCON2 = 0x55;
NVMCON2 = 0xAA;
NVMCON1bits.WR = 1;
PFMStartAddress++;
// Increment address
if(i = (PFM_ROW_SIZE - 1))
// All latches loaded?
{
NVMCON1bits.LWLO = 0;
// Start PFM write
}
}
NVMCON1bits.WREN = 0;
// Disable writes
INTCONbits.GIE = 1;
// Enable interrupts
15.1.2.5 Modifying Flash Program Memory
When modifying existing data in a program memory, data within the memory row must be read and saved in a RAM
image. Program memory is modified using the following steps:
1.
Load the starting address of the row to be modified.
2.
Read the existing data from the row into a RAM image.
3.
Modify the RAM image to contain the new data to be written into program memory.
4.
Load the starting address of the row to be rewritten.
5.
Erase the program memory row.
6.
Load the write latches with data from the RAM image.
7.
Initiate a programming operation.
PIC16F15213/14/23/24/43/44
NVM - Nonvolatile Memory Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com