công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F15213T-I/ST bảng dữ liệu(PDF) 343 Page - Microchip Technology

tên linh kiện PIC16F15213T-I/ST
Giải thích chi tiết về linh kiện  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST bảng dữ liệu(HTML) 343 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 339Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 340Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 341Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 342Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 343Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 344Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 345Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 346Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 347Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 439 page
background image
...........continued
BTFSC
Bit Test File, Skip If Clear
Description:
If bit ‘b’ in register ‘f’ is ‘1’, the next instruction is executed.
If bit ‘b’, in register ‘f’, is ‘0’, the next instruction is discarded,
and a NOP is executed instead, making this a two-cycle instruction.
BTFSS
Bit Test File, Skip If Set
Syntax:
[ label ] BTFSS f, b
Operands:
0 ≤ f ≤ 127
0 ≤ b < 7
Operation:
skip if (f[b]) = 1
Status Affected:
None
Description:
If bit ‘b’ in register ‘f’ is ‘0’, the next instruction is executed.
If bit ‘b’ is ‘1’, then the next instruction is discarded,
and a NOP is executed instead, making this a two-cycle instruction.
CALL
Subroutine Call
Syntax:
[ label ] CALL k
Operands:
0 ≤ k ≤ 2047
Operation:
(PC) + 1 → TOS,
k → PC[10:0],
(PCLATH[6:3]) → PC[14:11]
Status Affected:
None
Description:
Call Subroutine. First, return address (PC + 1) is pushed onto the stack.
The 11-bit immediate address is loaded into PC bits [10:0].
The upper bits of the PC are loaded from PCLATH.
CALL is a two-cycle instruction.
CALLW
Subroutine Call with W
Syntax:
[ label ] CALLW
Operands:
None
Operation:
(PC) + 1 → TOS,
(W) → PC[7:0],
(PCLATH[6:0]) → PC[14:8]
Status Affected:
None
Description:
Subroutine call with W.
First, the return address (PC + 1) is pushed onto the return stack.
Then, the contents of W is loaded into PC[7:0], and the contents of PCLATH into PC[14:8].
CALLW is a two-cycle instruction.
CLRF
Clear f
Syntax:
[ label ] CLRF f
Operands:
0 ≤ f ≤ 127
PIC16F15213/14/23/24/43/44
Instruction Set Summary
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 343



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com