công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F15213T-I/ST bảng dữ liệu(PDF) 301 Page - Microchip Technology

tên linh kiện PIC16F15213T-I/ST
Giải thích chi tiết về linh kiện  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST bảng dữ liệu(HTML) 301 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 297Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 298Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 299Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 300Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 301Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 302Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 303Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 304Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 305Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 439 page
background image
Figure 25-39. Bus Collision During a Stop Condition (Case 1)
SDA
SCL
BCLxIF
PEN
P
SSPxIF
TBRG
TBRG
TBRG
SDA asserted low
SDA sampled
low after TBRG,
set BCLxIF
’0’
’0’
Rev. 30-000048A
4/3/2017
Figure 25-40. Bus Collision During a Stop Condition (Case 2)
SDA
SCL
BCLxIF
PEN
P
SSPxIF
TBRG
TBRG
TBRG
Assert SDA
SCL goes low before SDA goes high,
set BCLxIF
’0’
’0’
Rev. 30-000049A
4/3/2017
25.3
Baud Rate Generator
The MSSP module has a Baud Rate Generator (BRG) available for clock generation in both I2C and SPI Host
modes. The BRG reload value is placed in the SSPxADD register. When a write occurs to SSPxBUF, the BRG will
automatically begin counting down. Example 25-1 shows how the value for SSPxADD is calculated.
Once the given operation is complete, the internal clock will automatically stop counting and the clock pin will remain
in its last state.
An internal Reload signal, shown in Figure 25-41, triggers the value from SSPxADD to be loaded into the BRG
counter. This occurs twice for each oscillation of the module clock line.
Table 25-2 illustrates clock rates based on instruction cycles and the BRG value loaded into SSPxADD.
Example 25-1. MSSP Baud Rate Generator Frequency Equation
FCLOCK= FOSC
4 × SSPxADD+ 1
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com