công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F15213T-I/ST bảng dữ liệu(PDF) 281 Page - Microchip Technology

tên linh kiện PIC16F15213T-I/ST
Giải thích chi tiết về linh kiện  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST bảng dữ liệu(HTML) 281 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 277Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 278Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 279Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 280Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 281Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 282Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 283Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 284Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 285Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 439 page
background image
25.2.3.7 Client Transmission
When the R/W bit of the incoming address byte is set and an address match occurs, the R/W bit is set. The received
address is loaded into the SSPxBUF register, and an ACK pulse is sent by the client on the ninth bit.
Following the ACK, client hardware clears the CKP bit and the SCL pin is held low (see 25.2.2.5. Clock Stretching
for more details). By stretching the clock, the host will be unable to assert another clock pulse until the client is done
preparing the transmit data.
The transmit data must be loaded into the SSPxBUF register, which also loads the SSPSR register. Then the SCL pin
will be released by setting the CKP bit. The eight data bits are shifted out on the falling edge of the SCL input. This
ensures that the SDA signal is valid during the SCL high time.
The ACK pulse from the host receiver is latched on the rising edge of the ninth SCL input pulse. This ACK value is
copied to the ACKSTAT bit. If ACKSTAT is set (NACK), then the data transfer is complete. In this case, when the
NACK is latched by the client, the client goes Idle and waits for another occurrence of a Start condition. If the SDA
line was low (ACK), the next transmit data must be loaded into the SSPxBUF register. Again, the SCL pin must be
released by setting bit CKP.
An MSSP interrupt is generated for each data transfer byte. The SSPxIF bit must be cleared by software and the
SSPxSTAT register is used to determine the status of the byte. The SSPxIF bit is set on the falling edge of the ninth
clock pulse.
25.2.3.7.1 Client Mode Bus Collision
A client receives a read request and begins shifting data out on the SDA line. If a bus collision is detected and the
Client Mode Bus Collision Detect Enable (SBCDE) bit is set, the Bus Collision Interrupt Flag (BCLxIF) bit of the PIRx
register is set. Once a bus collision is detected, the client goes Idle and waits to be addressed again. User software
can use the BCLxIF bit to handle a client bus collision.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com