công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F15213T-I/ST bảng dữ liệu(PDF) 200 Page - Microchip Technology

tên linh kiện PIC16F15213T-I/ST
Giải thích chi tiết về linh kiện  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST bảng dữ liệu(HTML) 200 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 196Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 197Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 198Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 199Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 200Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 201Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 202Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 203Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 439 page
background image
• Every edge of CCPx input (rising or falling)
When a capture is made, the CCP Interrupt Flag (CCPxIF) bit of the PIRx register is set. The interrupt flag must be
cleared in software. If another capture occurs before the value in the CCPRx register is read, the old captured value
is overwritten by the new captured value. The following figure shows a simplified diagram of the capture operation.
Important:  If an event occurs during a 2-byte read, the high and low-byte data will be from different
events. It is recommended while reading the CCPRx register pair to either disable the module or read the
register pair twice for data integrity.
Figure 22-1. Capture Mode Operation Block Diagram
Rev. 10-000158E
3/11/2019
CCPRx
TMR1
16
16
Prescaler
1,4,16
CCPx
TRIS
set CCPxIF
CCPx
MODE
and
Edge Detect
RxyPPS
CTS
PPS
PPS
CCPxPPS
Capture Trigger Sources
See CCPxCAP register
22.2.1
Capture Sources
The capture source is selected with the CTS bits.
In Capture mode, the CCPx pin must be configured as an input by setting the associated TRIS control bit.
Important:  If the CCPx pin is configured as an output, a write to the port can cause a capture event.
22.2.2
Timer1 Mode for Capture
Timer1 must be running in Timer mode or Synchronized Counter mode for the CCP module to use the capture
feature. In Asynchronous Counter mode, the capture operation may not work.
See the “TMR1 - Timer1 Module with Gate Control” section for more information on configuring Timer1.
22.2.3
Software Interrupt Mode
When the Capture mode is changed, a false capture interrupt may be generated. The user will keep the CCPxIE
Interrupt Enable bit of the PIEx register clear to avoid false interrupts. Additionally, the user will clear the CCPxIF
Interrupt Flag bit of the PIRx register following any change in Operating mode.
Important:  Clocking Timer1 from the system clock (FOSC) must not be used in Capture mode. For
Capture mode to recognize the trigger event on the CCPx pin, Timer1 must be clocked from the instruction
clock (FOSC/4) or from an external clock source.
PIC16F15213/14/23/24/43/44
CCP - Capture/Compare/PWM Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com