| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KSZ9567R bảng dữ liệu(PDF) 230 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
KSZ9567R bảng dữ liệu(HTML) 230 Page - Microchip Technology |
|
230 / 232 page ![]() KSZ9567R DS00002329D-page 230 2017-2019 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: KSZ9567R = 7-Port Switch with 2 RGMII/MII/RMII Interfaces Package: TX = 128-pin TQFP-EP Temperature Range: I= -40 C to +85C (Industrial) Tape and Reel Option: Blank = Standard packaging (tray) -TR = Tape and Reel (Note 1) Examples: a) KSZ9567RTXI 128-pin TQFP-EP package, Industrial temperature, Standard packaging b) KSZ9567RTXI-TR 128-pin TQFP-EP package, Industrial temperature, Tape and reel Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. PART NO. X XX Package Temp. Device [XX]( 1) Tape & Reel Option Range |