| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KSZ9563RNXC-TR bảng dữ liệu(PDF) 105 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
KSZ9563RNXC-TR bảng dữ liệu(HTML) 105 Page - Microchip Technology |
|
105 / 226 page ![]() 2017-2018 Microchip Technology Inc. DS00002419D-page 105 KSZ9563R 5.1.5.10 ALU / Static Address Table Entry 1 Register This register contains the table entry values for read and write operations to the Address Lookup Table and Static Address Table. The field definitions of this register differ dependent on the table type used, as defined in the following sections: • ALU Table Entry 1 Register on page 184 • Static Address Table Entry 1 Register on page 186 Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 181 and Section 5.3.2, "Static Address Table," on page 185 for additional information. 5.1.5.11 ALU / Static Address / Reserved Multicast Table Entry 2 Register The field definitions of this register differ dependent on the table type used, as defined in the following sections: • ALU Table Entry 2 Register on page 184 • Static Address Table Entry 2 Register on page 186 • Reserved Multicast Address Table Entry 2 Register on page 188 Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 181, Section 5.3.2, "Static Address Table," on page 185, and Section 5.3.3, "Reserved Multicast Address Table," on page 187 for additional information. 5.1.5.12 ALU / Static Address Table Entry 3 Register The field definitions of this register differ dependent on the table type used, as defined in the following sections: • ALU Table Entry 3 Register on page 185 • Static Address Table Entry 3 Register on page 187 Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 181 and Section 5.3.2, "Static Address Table," on page 185 for additional information. 5.1.5.13 ALU / Static Address Table Entry 4 Register This register contains the table entry values for read and write operations to the Address Lookup Table and Static Address Table. The field definitions of this register differ dependent on the table type used, as defined in the following sections: • ALU Table Entry 4 Register on page 185 • Static Address Table Entry 4 Register on page 187 Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 181 and Section 5.3.2, "Static Address Table," on page 185 for additional information. Address: 0x0420 - 0x0423 Size: 32 bits Address: 0x0424 - 0x0427 Size: 32 bits Address: 0x0428 - 0x042B Size: 32 bits Address: 0x042C - 0x042F Size: 32 bits |