| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA4VE...ALZQ1 bảng dữ liệu(PDF) 169 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VE...ALZQ1 bảng dữ liệu(HTML) 169 Page - Texas Instruments |
|
169 / 251 page ![]() – G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) • Case GPMCFCLKDIVIDER = 1: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) if (ClkActivationTime and ADVWrOffTime are odd) or (ClkActivationTime and ADVWrOffTime are even) – G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) otherwise • Case GPMCFCLKDIVIDER = 2: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(17) if ((ADVWrOffTime - ClkActivationTime) is a multiple of 3) – G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) if ((ADVWrOffTime - ClkActivationTime - 1) is a multiple of 3) – G = (2 + 0.5 × ADVExtraDelay) × GPMC_FCLK(17) if ((ADVWrOffTime - ClkActivationTime - 2) is a multiple of 3) (8) For OE falling edge (OE activated) and IO DIR rising edge (Data Bus input direction): • Case GPMCFCLKDIVIDER = 0: – H = 0.5 × OEExtraDelay × GPMC_FCLK(17) • Case GPMCFCLKDIVIDER = 1: – H = 0.5 × OEExtraDelay × GPMC_FCLK(17) if (ClkActivationTime and OEOnTime are odd) or (ClkActivationTime and OEOnTime are even) – H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(17) otherwise • Case GPMCFCLKDIVIDER = 2: – H = 0.5 × OEExtraDelay × GPMC_FCLK(17) if ((OEOnTime - ClkActivationTime) is a multiple of 3) – H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(17) if ((OEOnTime - ClkActivationTime - 1) is a multiple of 3) – H = (2 + 0.5 × OEExtraDelay) × GPMC_FCLK(17) if ((OEOnTime - ClkActivationTime - 2) is a multiple of 3) For OE rising edge (OE deactivated): • Case GPMCFCLKDIVIDER = 0: – H = 0.5 × OEExtraDelay × GPMC_FCLK(17) • Case GPMCFCLKDIVIDER = 1: – H = 0.5 × OEExtraDelay × GPMC_FCLK(17) if (ClkActivationTime and OEOffTime are odd) or (ClkActivationTime and OEOffTime are even) – H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(17) otherwise • Case GPMCFCLKDIVIDER = 2: – H = 0.5 × OEExtraDelay × GPMC_FCLK(17) if ((OEOffTime - ClkActivationTime) is a multiple of 3) – H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(17) if ((OEOffTime - ClkActivationTime - 1) is a multiple of 3) – H = (2 + 0.5 × OEExtraDelay) × GPMC_FCLK(17) if ((OEOffTime - ClkActivationTime - 2) is a multiple of 3) (9) For WE falling edge (WE activated): • Case GPMCFCLKDIVIDER = 0: – I = 0.5 × WEExtraDelay × GPMC_FCLK(17) • Case GPMCFCLKDIVIDER = 1: – I = 0.5 × WEExtraDelay × GPMC_FCLK(17) if (ClkActivationTime and WEOnTime are odd) or (ClkActivationTime and WEOnTime are even) – I = (1 + 0.5 × WEExtraDelay) × GPMC_FCLK(17) otherwise • Case GPMCFCLKDIVIDER = 2: – I = 0.5 × WEExtraDelay × GPMC_FCLK(17) if ((WEOnTime - ClkActivationTime) is a multiple of 3) – I = (1 + 0.5 × WEExtraDelay) × GPMC_FCLK(17) if ((WEOnTime - ClkActivationTime - 1) is a multiple of 3) – I = (2 + 0.5 × WEExtraDelay) × GPMC_FCLK(17) if ((WEOnTime - ClkActivationTime - 2) is a multiple of 3) For WE rising edge (WE deactivated): • Case GPMCFCLKDIVIDER = 0: – I = 0.5 × WEExtraDelay × GPMC_FCLK (17) • Case GPMCFCLKDIVIDER = 1: – I = 0.5 × WEExtraDelay × GPMC_FCLK(17) if (ClkActivationTime and WEOffTime are odd) or (ClkActivationTime and WEOffTime are even) – I = (1 + 0.5 × WEExtraDelay) × GPMC_FCLK(17) otherwise • Case GPMCFCLKDIVIDER = 2: – I = 0.5 × WEExtraDelay × GPMC_FCLK(17) if ((WEOffTime - ClkActivationTime) is a multiple of 3) – I = (1 + 0.5 × WEExtraDelay) × GPMC_FCLK(17) if ((WEOffTime - ClkActivationTime - 1) is a multiple of 3) – I = (2 + 0.5 × WEExtraDelay) × GPMC_FCLK(17) if ((WEOffTime - ClkActivationTime - 2) is a multiple of 3) www.ti.com TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1 SPRSP62 – DECEMBER 2022 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 169 Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1 |