công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S+85DLC03D-C bảng dữ liệu(PDF) 5 Page - ATGBICS by Approved Technology

tên linh kiện S+85DLC03D-C
Giải thích chi tiết về linh kiện  S85DLC03D MikroTik Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATGBICS [ATGBICS by Approved Technology]
Trang chủ  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

S+85DLC03D-C bảng dữ liệu(HTML) 5 Page - ATGBICS by Approved Technology

  S+85DLC03D-C Datasheet HTML 1Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 2Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 3Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 4Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 5Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 6Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 7Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 8Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_S+85DLC03D-C_V1
Page 5 of 10
Product Datasheet
Pin Function Definitions
PIN No
Name
Function
Notes
1
VeeT
Module transmitter ground
1
2
Tx Fault
Module transmitter fault
2
3
Tx
Disable
Transmitter Disable; Turns off transmitter laser output
3
4
SDL
2 wire serial interface data input/output (SDA)
5
SCL
2 wire serial interface clock input (SCL)
6
MOD-
ABS
Module Absent, connect to VeeR or VeeT in the module
2
7
RS0
Rate select0, optionally control SFP+ receiver. When high,
input data rate >4.5Gb/ s; when low, input data rate
<=4.5Gb/s
8
LOS
Receiver Loss of Signal Indication
4
9
RS1
Rate select0, optionally control SFP+ transmitter. When
high, input data rate >4.5Gb/s; when low, input data rate
<=4.5Gb/s
10
VeeR
Module receiver ground
1
11
VeeR
Module receiver ground
1
12
RD-
Receiver inverted data out put
13
RD+
Receiver non-inverted data out put
14
VeeR
Module receiver ground
1
15
VccR
Module receiver 3.3V supply
16
VccT
Module transmitter 3.3V supply
17
VeeT
Module transmitter ground
1
18
TD+
Transmitter inverted data out put
19
TD-
Transmitter non-inverted data out put
20
VeeT
Module transmitter ground
1
Notes:
1. The module ground pins are isolated from the module case.
2. This pin is an open collector/drain output pin and is pulled up with 4.7K-10Kohms to Host_Vcc on
the host board.
3. This pin is pulled up with 4.7K-10Kohms to VccT in the module.
4. This pin is an open collector/drain output pin and is pulled up with 4.7K-10Kohms to Host_Vcc on
the host board.


Mô tả tương tự - S+85DLC03D-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATGBICS by Approved Tec...
MR-SFP-10G-SR-C ATGBICS-MR-SFP-10G-SR-C Datasheet
375Kb / 10P
MR-SFP-10G-SR MikroTik Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP-10G-SR-S-C ATGBICS-SFP-10G-SR-S-C Datasheet
375Kb / 10P
SFP-10G-SR-S Cisco Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFPP-SR-C ATGBICS-SFPP-SR-C Datasheet
375Kb / 10P
SFPP-SR Fujitsu Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
ET5402-SR-C ATGBICS-ET5402-SR-C Datasheet
375Kb / 10P
ET5402-SR Edgecore Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP+KT-SR-C ATGBICS-SFP+KT-SR-C Datasheet
375Kb / 10P
SFPKT-SR NetOptics Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
WG8583-C ATGBICS-WG8583-C Datasheet
374Kb / 10P
WG8583 WatchGuard Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
EW3A0000710-C ATGBICS-EW3A0000710-C Datasheet
374Kb / 10P
EW3A0000710 Citrix Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
EW3E0000710-C ATGBICS-EW3E0000710-C Datasheet
374Kb / 10P
EW3E0000710 Citrix Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
46C3448-C ATGBICS-46C3448-C Datasheet
374Kb / 10P
46C3448 Lenovo Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
C5RNH-C ATGBICS-C5RNH-C Datasheet
355Kb / 10P
C5RNH Dell Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com