| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST25R3916 bảng dữ liệu(PDF) 142 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25R3916 bảng dữ liệu(HTML) 142 Page - STMicroelectronics |
|
142 / 157 page ![]() Electrical characteristics ST25R3916/7 142/157 DS12484 Rev 4 8. Registers 00h to 07h (no clock on MCU_CLK), 01h to C0h (3 V supply mode, disable VDD_D), 02h to C8h (enable RX, enable TX), 28h to 7Fh (RFO segments disabled), 2Ch to A8h (2.4 V regulator), other registers in default state, short VDD_A and VDD_D. 9. Registers 00h to 07h (no clock on MCU_CLK), 01h to C0h (3 V supply mode, disable VDD_D), 02h to C8h (enable RX, enable TX), 03h to 14h (AM modulation), 28h to 7Fh (RFO segments disabled), 2Ch to A8h (2.4 V regulator), other registers in default state, short VDD_A and VDD_D. 10. Registers 00h to 07h (no clock on MCU_CLK), 01h to C0h (3 V supply mode, disable VDD_D), 02h to E8h (enable RX, 1 RX channel, enable TX), 28h to 7Fh (RFO segments disabled), 2Ch to A8h (2.4 V regulator), other registers in default state, short VDD_A and VDD_D. 11. Evaluated by characterization, not tested in production. 12. fSUB = 848 kHz, AM channel with peak detector input stage selected. |